công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F155IPM bảng dữ liệu(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F155IPM
Giải thích chi tiết về linh kiện  MIXED SIGNAL MICROCONTROLLER
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F155IPM bảng dữ liệu(HTML) 26 Page - Texas Instruments

Back Button MSP430F155IPM Datasheet HTML 22Page - Texas Instruments MSP430F155IPM Datasheet HTML 23Page - Texas Instruments MSP430F155IPM Datasheet HTML 24Page - Texas Instruments MSP430F155IPM Datasheet HTML 25Page - Texas Instruments MSP430F155IPM Datasheet HTML 26Page - Texas Instruments MSP430F155IPM Datasheet HTML 27Page - Texas Instruments MSP430F155IPM Datasheet HTML 28Page - Texas Instruments MSP430F155IPM Datasheet HTML 29Page - Texas Instruments MSP430F155IPM Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
MSP430F15x, MSP430F16x, MSP430F161x
MIXED SIGNAL MICROCONTROLLER
SLAS368G − OCTOBER 2002 − REVISED MARCH 2011
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted)
MSP430F15x/16x supply current into AVCC + DVCC excluding external current (AVCC = DVCC = VCC)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Active mode, (see Note 1)
f(MCLK) = f(SMCLK) = 1 MHz,
T
40
°Cto85°C
2.2 V
330
400
A
I
f(MCLK) = f(SMCLK) = 1 MHz,
f(ACLK) = 32,768 Hz
XTS=0, SELM=(0,1)
TA = −40°C to 85°C
3 V
500
600
μA
I(AM)
Active mode, (see Note 1)
f(MCLK) = f(SMCLK) = 4,096 Hz,
T
40
°Cto85°C
2.2 V
2.5
7
A
f(MCLK) = f(SMCLK) = 4,096 Hz,
f(ACLK) = 4,096 Hz
XTS=0, SELM=3
TA = −40°C to 85°C
3 V
9
20
μA
I
Low-power mode, (LPM0)
f(MCLK) = 0 MHz, f(SMCLK) = 1 MHz,
f
32 768 Hz
T
40
°Cto85°C
2.2 V
50
60
A
I(LPM0)
()
()
f(ACLK) = 32,768 Hz
XTS=0, SELM=(0,1)
(see Note 1)
TA = −40°C to 85°C
3 V
75
90
μA
I
Low-power mode, (LPM2),
f
f
0 MHz
T
40
°Cto85°C
2.2 V
11
14
A
I(LPM2)
f(MCLK) = f(SMCLK) = 0 MHz,
f(ACLK) = 32.768 Hz, SCG0 = 0
TA = −40°C to 85°C
3 V
17
22
μA
TA = −40°C
1.1
1.6
Low-power mode (LPM3)
TA = 25°C
2.2 V
1.1
1.6
I
Low-power mode, (LPM3)
f(MCLK) = f(SMCLK) = 0 MHz,
TA = 85°C
2.2 V
2.2
3.0
A
I(LPM3)
f(MCLK) = f(SMCLK) = 0 MHz,
f(ACLK) = 32,768 Hz, SCG0 = 1
(N t 2)
TA = −40°C
2.2
2.8
μA
(ACLK)
(see Note 2)
TA = 25°C
3 V
2.0
2.6
TA = 85°C
3 V
3.0
4.3
Low-power mode, (LPM4)
TA = −40°C
0.1
0.5
I(LPM4)
Low-power mode, (LPM4)
f(MCLK) = 0 MHz, f(SMCLK) = 0 MHz,
TA = 25°C
2.2V / 3 V
0.2
0.5
μA
I(LPM4)
f(MCLK)
0 MHz, f(SMCLK)
0 MHz,
f(ACLK) = 0 Hz, SCG0 = 1
TA = 85°C
2.2V / 3 V
1.3
2.5
μA
NOTES:
1. Timer_B is clocked by f(DCOCLK) = 1 MHz. All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
2. WDT is clocked by f(ACLK) = 32,768 Hz. All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current. The current
consumption in LPM2 and LPM3 are measured with ACLK selected.
Current consumption of active mode versus system frequency
I(AM) = I(AM) [1 MHz]
× f(System) [MHz]
Current consumption of active mode versus supply voltage
I(AM) = I(AM) [3 V] + 210 μA/V × (VCC – 3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com