| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430F155IPM bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F155IPM bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 77 page ![]() MSP430F15x, MSP430F16x, MSP430F161x MIXED SIGNAL MICROCONTROLLER SLAS368G − OCTOBER 2002 − REVISED MARCH 2011 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description (continued) The MSP430F15x/16x/161x series are microcontroller configurations with two built-in 16-bit timers, a fast 12-bit A/D converter, dual 12-bit D/A converter, one or two universal serial synchronous/asynchronous communication interfaces (USART), I2C, DMA, and 48 I/O pins. In addition, the MSP430F161x series offers extended RAM addressing for memory-intensive applications and large C-stack requirements. Typical applications include sensor systems, industrial control applications, hand-held meters, etc. AVAILABLE OPTIONS T PACKAGED DEVICES TA PLASTIC 64-PIN QFP (PM) PLASTIC 64-PIN QFN (RTD) −40 °C to 85°C MSP430F155IPM MSP430F156IPM MSP430F157IPM MSP430F167IPM MSP430F168IPM MSP430F169IPM MSP430F1610IPM MSP430F1611IPM MSP430F1612IPM MSP430F155IRTD MSP430F156IRTD MSP430F157IRTD MSP430F167IRTD MSP430F168IRTD MSP430F169IRTD MSP430F1610IRTD MSP430F1611IRTD MSP430F1612IRTD † For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. ‡ Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. DEVELOPMENT TOOL SUPPORT All MSP430 microcontrollers include an Embedded Emulation Module (EEM) allowing advanced debugging and programming through easy to use development tools. Recommended hardware options include the following: D Debugging and Programming Interface − MSP-FET430UIF (USB) − MSP-FET430PIF (Parallel Port) D Debugging and Programming Interface with Target Board − MSP-FET430U64 (PM package) D Standalone Target Board − MSP-TS430PM64 (PM package) D Production Programmer − MSP-GANG430 |