| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF85134 bảng dữ liệu(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85134 bảng dữ liệu(HTML) 10 Page - NXP Semiconductors |
|
10 / 40 page ![]() PCF85134_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 01 — 17 December 2009 10 of 40 NXP Semiconductors PCF85134 Universal LCD driver for low multiplex rates 7.4.2 1:2 Multiplex drive mode When two backplanes are provided in the LCD, the 1:2 multiplex mode applies. The PCF85134 allows the use of 1 ⁄ 2 bias or 1 ⁄ 3 bias in this mode as shown in Figure 5 and Figure 6. Vstate1(t) = VSn(t) − VBP0(t). Von(RMS) = 0.791VLCD. Vstate2(t) = VSn(t) − VBP1(t). Voff(RMS) = 0.354VLCD. Fig 5. Waveforms for the 1:2 multiplex drive mode with 1 ⁄ 2 bias 013aaa208 state 1 BP0 (a) Waveforms at driver. (b) Resultant waveforms at LCD segment. LCD segments state 2 BP1 state 2 state 1 VSS VLCD VLCD/2 VSS VSS VLCD VLCD VSS VLCD VLCD VLCD 0 V 0 V VLCD/2 VLCD/2 VLCD/2 −VLCD −VLCD −VLCD/2 −VLCD/2 Sn Sn+1 Tfr |