công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PLA03151MP6D2 bảng dữ liệu(PDF) 5 Page - Thinking Electronic Industrial Co.,Ltd

tên linh kiện PLA03151MP6D2
Giải thích chi tiết về linh kiện  For Switching Application
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  THINKING [Thinking Electronic Industrial Co.,Ltd]
Trang chủ  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PLA03151MP6D2 bảng dữ liệu(HTML) 5 Page - Thinking Electronic Industrial Co.,Ltd

  PLA03151MP6D2 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP6D2 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP6D2 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP6D2 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP6D2 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP6D2 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP6D2 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PLA03151MP6D2 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CPTC Thermistor:PL Series
For Switching Application
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
5
www.thinking.com.tw
2006.07
Reliability Test
Item
Standard
Test conditions / Methods
Specifications
Tensile Strength
Of Terminals
IEC60068-2-21
Fasten body and apply a force gradually
to each lead for 10±1 sec.
Terminal diameter
Force
(mm)
T(N)
0.35<d≦0.5
5.0
0.5<d≦0.8
10.0
R/R25
20%
∣△
∣≦
No damage observed
Solderability
IEC60068-2-20
Then dip each lead into 255±5
solder
℃
for 3±0.5sec.to the 4±1mm above from body .
At least 95% of terminal
electrode is covered by new
solder
Resistance to
Soldering Heat
IEC60068-2-20
Dip each lead into 350±10
solder for 3
℃
~
4sec.
to the 4±1mm above body.
R/R25
20%
∣△
∣≦
No damage observed
Vibration
IEC60068-2-6
Fasten body to baseboard with solder perfectly
and supply since wave oscillation at frequency from
10 HZ to 55HZ all oscillation with 0.75 mm of
Vibrato for 24 cycles in each of 3 naturally
perpendicular plane for a total of 6 hours
R/R25
20%
∣△
∣≦
No damage observed
Shock
IEC60068-2-27
Putting the PTC product in the shock equipment
Shock wave: half-sine
V=1.0m/s;Acceleration:50m/s2 ;Pulse time:30ms
⊿
R/R25
20%
∣△
∣≦
No damage observed
Temp. cycle
IEC60068-2-14
-40±3 ×30min.→+85±2 ×30min
×5Cycles
℃℃
excessive time:2min<T<3min
R/R25
20%
∣△
∣≦
No damage observed
Climatic sequence
IEC60738-1
+40
,20%R.H X 24hrs →100
X 16hrs→25
X 2hrs→
℃℃
℃
+40
,95%R.HX 24hrs→ 0
X 2hrs→+40
,95%R.HX 24hrs→
℃℃
℃
25
X (1~2)hrs
℃
R/R25
20%
∣△
∣≦
No damage observed
Endurance at upper
category temperature
IEC60068-2-2
UCT=60 , for 1000hrs
℃
R/R25
20%
∣△
∣≦
No damage observed
The highest
temperature and
max voltage load
IEC60738-1
UCT=60 , 270V
℃
AC, I
Imax
≦
for 1000hrs
R/R25
20%
∣△
∣≦
No damage observed
Humidity
IEC60068-2-3
40±5 ,90~95%
℃
RH,For 1000±2hrs
R/R25
20%
∣△
∣≦
No damage observed
Room Temperature
Intermittent Load
IEC60738-1
25±5 , 270V
℃
AC, I
Imax
≦
1min. on and 5min. Off ×、10,000 cycles
R/R25
20%
∣△
∣≦
No damage observed



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com