công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8563 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC8563
Giải thích chi tiết về linh kiện  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button DAC8563 Datasheet HTML 6Page - Texas Instruments DAC8563 Datasheet HTML 7Page - Texas Instruments DAC8563 Datasheet HTML 8Page - Texas Instruments DAC8563 Datasheet HTML 9Page - Texas Instruments DAC8563 Datasheet HTML 10Page - Texas Instruments DAC8563 Datasheet HTML 11Page - Texas Instruments DAC8563 Datasheet HTML 12Page - Texas Instruments DAC8563 Datasheet HTML 13Page - Texas Instruments DAC8563 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
www.ti.com
Table 5. Typical Characteristics: DAC Dynamic Performance
POWER-SUPPLY
MEASUREMENT
FIGURE NUMBER
VOLTAGE
CHANNEL-TO-CHANNEL CROSSTALK
5-V Rising Edge
Figure 43
Channel-to-Channel Crosstalk
5.5 V
5-V Falling Edge
Figure 44
CLOCK FEEDTHROUGH
5.5 V
Figure 48
Clock Feedthrough
500 kHz, Midscale
2.7 V
Figure 87
GLITCH ENERGY
Rising Edge, Code 7FFFh to 8000h
Figure 37
Glitch Energy, 1-LSB Step
Falling Edge, Code 8000h to 7FFFh
Figure 38
Rising Edge, Code 7FFCh to 8000h
Figure 39
Glitch Energy, 4-LSB Step
5.5 V
Falling Edge, Code 8000h to 7FFCh
Figure 40
Rising Edge, Code 7FF0h to 8000h
Figure 41
Glitch Energy, 16-LSB Step
Falling Edge, Code 8000h to 7FF0h
Figure 42
Rising Edge, Code 7FFFh to 8000h
Figure 79
Glitch Energy, 1-LSB Step
Falling Edge, Code 8000h to 7FFFh
Figure 80
Rising Edge, Code 7FFCh to 8000h
Figure 81
Glitch Energy, 4-LSB Step
2.7 V
Falling Edge, Code 8000h to 7FFCh
Figure 82
Rising Edge, Code 7FF0h to 8000h
Figure 83
Glitch Energy, 16-LSB Step
Falling Edge, Code 8000h to 7FF0h
Figure 84
NOISE
External VREF
Figure 45
DAC Output Noise Density vs
Frequency
Internal VREF
5.5 V
Figure 46
DAC Output Noise 0.1 Hz to 10 Hz
External VREF
Figure 47
POWER-ON GLITCH
Reset to Zero Scale
Figure 35
5.5 V
Reset to Midscale
Figure 36
Power-on Glitch
Reset to Zero Scale
Figure 85
2.7 V
Reset to Midscale
Figure 86
SETTLING TIME
Rising Edge, Code 0h to FFFFh
Figure 31
Full-Scale Settling Time
Falling Edge, Code FFFFh to 0h
Figure 32
5.5 V
Rising Edge, Code 4000h to C000h
Figure 33
Half-Scale Settling Time
Falling Edge, Code C000h to 4000h
Figure 34
Rising Edge, Code 0h to FFFFh
Figure 75
Full-Scale Settling Time
Falling Edge, Code FFFFh to 0h
Figure 76
2.7 V
Rising Edge, Code 4000h to C000h
Figure 77
Half-Scale Settling Time
Falling Edge, Code C000h to 4000h
Figure 78
10
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com