công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DAC8563 bảng dữ liệu(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DAC8563
Giải thích chi tiết về linh kiện  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8563 bảng dữ liệu(HTML) 41 Page - Texas Instruments

Back Button DAC8563 Datasheet HTML 37Page - Texas Instruments DAC8563 Datasheet HTML 38Page - Texas Instruments DAC8563 Datasheet HTML 39Page - Texas Instruments DAC8563 Datasheet HTML 40Page - Texas Instruments DAC8563 Datasheet HTML 41Page - Texas Instruments DAC8563 Datasheet HTML 42Page - Texas Instruments DAC8563 Datasheet HTML 43Page - Texas Instruments DAC8563 Datasheet HTML 44Page - Texas Instruments DAC8563 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
P1.4/GPIO
P1.5/SCLK
P1.6/SDO
MSP430F2013
SYNC
DAC
SCLK
D
IN
NOTE: Additionalpinsomittedforclarity.
TMS320F28062
MFSxA
MCLKxA
MDxA
SYNC
DAC
SCLK
D
IN
NOTE: Additionalpinsomittedforclarity.
FSx0
CLKx0
Dx0
SYNC
DAC
SCLK
D
IN
NOTE: Additionalpinsomittedforclarity.
OMAP-L138
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
www.ti.com
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
MICROPROCESSOR INTERFACING
DAC756x/DAC816x/DAC856x to an MSP430 USI Interface
Figure 97 shows a serial interface between the DAC756x, DAC816x, or DAC856x and a typical MSP430 USI port
such as the one found on the MSP430F2013. The port is configured in SPI master mode by setting bits 3, 5, 6,
and 7 in USICTL0. The USI counter interrupt is set in USICTL1 to provide an efficient means of SPI
communication with minimal software overhead. The serial clock polarity, source, and speed are controlled by
settings in the USI clock control register (USICKCTL). The SYNC signal is derived from a bit-programmable pin
on port 1; in this case, port line P1.4 is used. When data are to be transmitted to the DAC756x, DAC816x, or
DAC856x, P1.4 is taken low. The USI transmits data in 8-bit bytes; thus, only eight falling clock edges occur in
the transmit cycle. To load data to the DAC, P1.4 is left low after the first eight bits are transmitted; then, a
second write cycle is initiated to transmit the second byte of data. P1.4 is taken high following the completion of
the third write cycle.
Figure 97. DAC756x/DAC816x/DAC856x to MSP430 Interface
DAC756x/DAC816x/DAC856x to a TMS320 McBSP Interface
Figure 98 shows an interface between the DAC756x, DAC816x, or DAC856x and any TMS320 series DSP from
Texas Instruments with a multi-channel buffered serial port (McBSP). Serial data are shifted out on the rising
edge of the serial clock and are clocked into the DAC756x, DAC816x, or DAC856x on the falling edge of the
SCLK signal.
Figure 98. DAC756x/DAC816x/DAC856x to TMS320 McBSP Interface
DAC756x/DAC816x/DAC856x to an OMAP-L1x Processor
Figure 99 shows a serial interface between the DAC756x/DAC816x/DAC856x and the OMAP-L138. The transmit
clock CLKx0 of the L138 drives SCLK of the DAC756x, DAC816x, or DAC856x, and the data transmit (Dx0)
output drives the serial data line of the DAC. The SYNC signal is derived from the frame sync transmit (FSx0)
line, similar to the TMS320 interface.
Figure 99. DAC756x/DAC816x/DAC856x to OMAP-L1x Processor
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com