công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE7188F bảng dữ liệu(PDF) 25 Page - Infineon Technologies AG

tên linh kiện TLE7188F
Giải thích chi tiết về linh kiện  3-Phase Bridge Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7188F bảng dữ liệu(HTML) 25 Page - Infineon Technologies AG

Back Button TLE7188F Datasheet HTML 20Page - Infineon Technologies AG TLE7188F Datasheet HTML 21Page - Infineon Technologies AG TLE7188F Datasheet HTML 22Page - Infineon Technologies AG TLE7188F Datasheet HTML 23Page - Infineon Technologies AG TLE7188F Datasheet HTML 24Page - Infineon Technologies AG TLE7188F Datasheet HTML 25Page - Infineon Technologies AG TLE7188F Datasheet HTML 26Page - Infineon Technologies AG TLE7188F Datasheet HTML 27Page - Infineon Technologies AG TLE7188F Datasheet HTML 28Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
25
V2.1, 2007-06-20
TLE7188F
Application Description
6.1
Layout Guide Lines
Please refer also to the simplified application example.
•
Three separated bulk capacitors CB should be used - one per half bridge
•
Three separated ceramic capacitors CC should be used - one per half bridge
•
Each of the 3 bulk capacitors CB and each of the 3 ceramic capacitors CC should be assigned to one of the half
bridges and should be placed very close to it
•
The components within one half bridge should be placed close to each other: high side MOSFET, low side
MOSFET, bulk capacitor CB and ceramic capacitor CC (CB and CC are in parallel) and the shunt resistor form
a loop that should be as small and tight as possible. The traces should be short and wide
•
The three half bridges can be separated; yet, when there is one common GND referenced shunt resistor for
the three half bridges the sources of the three low side MOSFETs should be close to each other and close to
the common shunt resistor
•
VDH is the sense pin used for short circuit detection; VDH should be routed (via Rvdh) to the common point
of the drains of the high side MOSFETs to sense the voltage present on drain high side
•
CB2 is the buffer capacitor of charge pump 2; its negative terminal should be routed to the common point of
the drains of the high side MOSFETs as well - this connection should be low inductive / resistive
•
Additional R-C snubber circuits (R and C in series) can be placed to attenuate/suppress oscillations during
switching of the MOSFETs, there may be one or two snubber circuits per half bridge, R (several Ohm) and C
(several nF) must be low inductive in terms of routing and packaging (ceramic capacitors)
•
the exposed pad on the backside of the VQFN is recommended to connect to GND
6.2
Further Application Information
•
For further information you may contact http://www.infineon.com/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com