công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE7188F bảng dữ liệu(PDF) 17 Page - Infineon Technologies AG

tên linh kiện TLE7188F
Giải thích chi tiết về linh kiện  3-Phase Bridge Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7188F bảng dữ liệu(HTML) 17 Page - Infineon Technologies AG

Back Button TLE7188F Datasheet HTML 13Page - Infineon Technologies AG TLE7188F Datasheet HTML 14Page - Infineon Technologies AG TLE7188F Datasheet HTML 15Page - Infineon Technologies AG TLE7188F Datasheet HTML 16Page - Infineon Technologies AG TLE7188F Datasheet HTML 17Page - Infineon Technologies AG TLE7188F Datasheet HTML 18Page - Infineon Technologies AG TLE7188F Datasheet HTML 19Page - Infineon Technologies AG TLE7188F Datasheet HTML 20Page - Infineon Technologies AG TLE7188F Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
17
V2.1, 2007-06-20
TLE7188F
Protection and Diagnostic Functions
If the voltage of a charge pump buffer capacitors CBx reaches the under voltage shut down level for a minimum
specified filter time, the gate-source voltage of all external MOSFETs will be actively pulled to low. In this situation
the short circuit detection of this output stage is deactivated to avoid a latching shut down of the driver.
As soon as the charge pump buffer voltage recovers, the output stage condition will be aligned to the input patterns
automatically.This allows to continue operation of the motor in case of under voltage shut down without a reset by
the µC.
Under voltage shut down will not occur when VS > 6 V, QG < 250 nC, fPWM < 25 kHz, and the charge pump
capacitors Cxx = 4.7 µF.
5.2.5
Over voltage Shut Down
The TLE7188F has an integrated over voltage shut down to avoid destruction of the IC at high supply voltages.The
voltage is measured at the Vs and the VDH pin. When one of them or all of them exceed the over voltage shut
down level for more than the specified filter time then the external MOSFETs are switched off. In addition, over
voltage will shut down the charge pumps and will discharge the charge pump capacitors. This results in an under
voltage condition which will be indicated on the ERRx pins. During over voltage shut down the external MOSFETs
and the charge pumps remain off until a reset is performed.
5.2.6
Over temperature Warning
If the junction temperature is exceeding typ. 170°C an error signal is given as warning. The driver IC will continue
to operate in order not to disturb the application.
The warning is removed automatically when the junction temperature is cooling down.
It is in the responsibility of the user to protect the device against over temperature destruction.
5.2.7
VCC1 Check
To assure a high level of system safety, the TLE7188F provides an VCC1 check.
The 5.0V supply for the I/O of the µC is checked by internally monitoring the voltage applied to the ENA pin.
The VCC1 check is active when the signal on the ENA pin is high and is triggered by the ENA signal going high.
The VCC1 check is inactive when no ENA signal is applied or the ENA signal is low (= driver IC disabled). As the
ENA pin is a digital input, a low pass filter (< 1 MHz) is integrated to avoid faulty triggering. The filtered ENA signal
is then supervised in terms of under voltage and over voltage as a measure of the VCC1 voltage.
In case of under- or over voltage at VCC1, the driver IC is disabled and latched. To restart the output stages, a
reset has to be performed with the ENA pin.
5.2.8
ERR Pins
The TLE7188F has two status pins to provide diagnostic feedback to the µC. The outputs of these pins are 5V
push pull stages, they are either High or Low.
Table 2
Overview of error conditions
ERR1
ERR2
Driver conditions
Low
Low
Under voltage or VCC1 check error
Low
High
Over temperature or over voltage
High
Low
Short circuit detection or over current
High
High
No errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com