| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE5012 bảng dữ liệu(PDF) 13 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE5012 bảng dữ liệu(HTML) 13 Page - Infineon Technologies AG |
|
13 / 64 page ![]() TLE5012 Functional Description Final Data Sheet 13 V 1.0, 2010-11 2.4 Block Diagram Figure 4 TLE5012 block diagram 2.5 Functional Block Description 2.5.1 Internal Power Supply The internal stages of the TLE5012 have different voltage regulators. • GMR Voltage Regulator VRG • Analog Voltage Regulator VRA • Digital Voltage Regulator VRD (derived from VRA) These regulators are directly connected to the supply voltage VDD. 2.5.2 Oscillator and PLL The internal frequency oscillator feeds the Phase-Locked Loop (PLL). Therefore the external CLocK (CLK) can also be used. 2.5.3 SD-ADCs The SD-ADCs transform the analog GMR voltages and temperature voltage into the digital domain. VRG VRA VRD TLE5012 Osc PLL VDD X GMR Y GMR Temp SD- ADC SD- ADC SD- ADC Digital Signal Processing Unit CCU Cordic Fuses SSC Interface Incremental IF PWM HSM CLK CSQ SCK DATA IFA IFB GND |