công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4998P4 bảng dữ liệu(PDF) 8 Page - Infineon Technologies AG

tên linh kiện TLE4998P4
Giải thích chi tiết về linh kiện  Programmable Linear Hall Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998P4 bảng dữ liệu(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4998P4 Datasheet HTML 4Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 5Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 6Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 7Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 8Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 9Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 10Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 11Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TLE4998P
General
Data Sheet
8
V 1.0, 2008-07
2
General
2.1
Block Diagram
Figure 3 is a simplified block diagram.
Figure 3
Block Diagram
2.2
Functional Description
The linear Hall IC TLE4998P has been designed specifically to meet the requirements
of highly accurate rotation and position detection, as well as for current measurement
applications.
The sensor provides a digital PWM signal, which is ideally suited for direct decoding by
any unit measuring a duty cycle of a rectangular signal (usually a timer/capture unit in a
microcontroller). Furthermore, it is possible to attach an external lowpass filter, which
allows an A/D conversion using the sensor supply voltage as a reference.
The output stage is an open-drain driver pulling the output pad to low only. Therefore,
the high level must be obtained by an external pull-up resistor. This output type has the
advantage that the receiver may use even a lower supply voltage (e.g. 3.3 V). In this
case, the pull-up resistor must be connected to the given receiver supply.
spinning
HALL
Bias
A
D
DSP
A
D
Temp.
Sense
ROM
EEPROM
Interface
OUT
VDD
GND
Supply
PWM
TST
*) T LE4998 P4 only
*)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com