công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE7236SE bảng dữ liệu(PDF) 24 Page - Infineon Technologies AG

tên linh kiện TLE7236SE
Giải thích chi tiết về linh kiện  SPI Driver for Enhanced Relay Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236SE bảng dữ liệu(HTML) 24 Page - Infineon Technologies AG

Back Button TLE7236SE Datasheet HTML 20Page - Infineon Technologies AG TLE7236SE Datasheet HTML 21Page - Infineon Technologies AG TLE7236SE Datasheet HTML 22Page - Infineon Technologies AG TLE7236SE Datasheet HTML 23Page - Infineon Technologies AG TLE7236SE Datasheet HTML 24Page - Infineon Technologies AG TLE7236SE Datasheet HTML 25Page - Infineon Technologies AG TLE7236SE Datasheet HTML 26Page - Infineon Technologies AG TLE7236SE Datasheet HTML 27Page - Infineon Technologies AG TLE7236SE Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Data Sheet
24
Rev. 1.0, 2010-02-18
SPI Driver for Enhanced Relay Control
TLE7236SE
Diagnostic Features
8.1
Electrical Characteristics
Unless otherwise specified:
V
DD = 3.0 V to 5.5V, VBAT = 9.0 V to 16V, Tj = -40 °C to +150 °C
typical values:
V
BAT = 13.5 V, VDD = 5.0 V, Tj = 25 °C
Pos.
Parameter
Symbol
Limit Values
Uni
t
Test Conditions
min.
typ.
max.
OFF State Diagnosis
8.1.1
Open load diagnosis delay time
t
d(OL)
100
–
250
µs–
High Side Channels 0,1,2,3
8.1.2
Open load detection threshold voltage for
Channel 0,1,2,3
V
D(OL0..3)
34
5V
1)
1) Open load detection voltages are referenced to ground
8.1.3
Output diagnosis current channel 0,1,2,3
I
L(DC0..3)
100
200
300
µA measured at V
D(OL)
threshold
Configurable Channels 4,5
8.1.4
Open load detection threshold voltage for
Channel 4,5 in all configurations
V
D(OL4,5)
34
5V
1)
8.1.5
Output diagnosis current channel 4,5 in
high side configuration
I
L(DCHS)
100
200
300
µA measured at V
D(OL)
threshold
8.1.6
Output diagnosis current channel 4,5 in
low side configuration
I
L(DCLS)
100
200
300
µA measured at V
D(OL)
threshold
Low side Channels 6,7
8.1.7
Open load detection threshold voltage for
Channel 6,7
V
D(OL6,7)
34
5V
1)
8.1.8
Output diagnosis current channel 6,7
I
L(DC6,7)
100
200
300
µA measured at VOL
threshold
ON State Diagnosis (see also Protection in Chapter 7)
8.1.9
Over load detection current at channel
0,1,4,5,6,7
I
L(OVL)
0.5–
1.0A
–
8.1.10 Over load detection current at channel
2,3
I
L(OVL)
0.22
–
0.5
A
–
8.1.11 Over load detection delay time at all
channels
t
OFF(OVL)
––
60
µs–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com