công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE7236SE bảng dữ liệu(PDF) 11 Page - Infineon Technologies AG

tên linh kiện TLE7236SE
Giải thích chi tiết về linh kiện  SPI Driver for Enhanced Relay Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236SE bảng dữ liệu(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7236SE Datasheet HTML 7Page - Infineon Technologies AG TLE7236SE Datasheet HTML 8Page - Infineon Technologies AG TLE7236SE Datasheet HTML 9Page - Infineon Technologies AG TLE7236SE Datasheet HTML 10Page - Infineon Technologies AG TLE7236SE Datasheet HTML 11Page - Infineon Technologies AG TLE7236SE Datasheet HTML 12Page - Infineon Technologies AG TLE7236SE Datasheet HTML 13Page - Infineon Technologies AG TLE7236SE Datasheet HTML 14Page - Infineon Technologies AG TLE7236SE Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
SPI Driver for Enhanced Relay Control
TLE7236SE
Electrical Characteristics
Data Sheet
11
Rev. 1.0, 2010-02-18
4.2
Functional Range
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.1.11 Maximum energy dissipation one channel
repetitive pulses for ch. 2,3
E
AR
mJ
2)
1· 104 cycles
–
12
T
j(0) = 105 °C
I
D(0) = 0.180 A
1· 106 cycles
–
11
T
j(0) = 105 °C
I
D(0) = 0.180 A
Logic Pins
4.1.12 Voltage at input pins
V
IN
-0.3
V
DD + 0.3 V
3)
4.1.13 Voltage at LHI pin
V
LHI
-0.3
5.5
V–
4.1.14 Voltage at chip select pin
V
CS
-0.3
V
DD + 0.3 V
3)
4.1.15 Voltage at serial clock pin
V
SCLK
-0.3
V
DD + 0.3 V
3)
4.1.16 Voltage at serial input pin
V
SI
-0.3
V
DD + 0.3 V
3)
4.1.17 Voltage at serial output pin
V
SO
-0.3
V
DD + 0.3 V
3)
Temperatures
4.1.18 Junction Temperature
T
j
-40
150
°C–
4.1.19 Storage Temperature
T
stg
-55
150
°C–
ESD Susceptibility
4.1.20 ESD susceptibility on all pins
V
ESD
-2
2
kV
HBM4)
1) not subject to production test
2) Pulse shape represents inductive switch off:
I
L(t) = IL(0) * (1 - t / tpulse); 0 < t < tpulse
3)
V
DD + 0.3 V < 5.5 V
4) ESD susceptibility, HBM according to EIA/JESD 22-A114
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
4.2.1
Supply Voltage Range for
Nominal Operation
V
bb(nom)
916
V
–
4.2.2
upper Supply Voltage Range for
Extended Operation
V
bb(ext),up
16
28
V
Parameter
Deviations possible
4.2.3
lower Supply Voltage Range for
Extended Operation
V
bb(ext),low
4
9
V
Parameter
Deviations possible
4.2.4
Junction Temperature
T
j
-40
150
°C–
T
j = -40 °C to +150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Absolute Maximum Ratings1)
Pos.
Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com