công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UBA2016A bảng dữ liệu(PDF) 27 Page - NXP Semiconductors

tên linh kiện UBA2016A
Giải thích chi tiết về linh kiện  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2016A bảng dữ liệu(HTML) 27 Page - NXP Semiconductors

Back Button UBA2016A Datasheet HTML 23Page - NXP Semiconductors UBA2016A Datasheet HTML 24Page - NXP Semiconductors UBA2016A Datasheet HTML 25Page - NXP Semiconductors UBA2016A Datasheet HTML 26Page - NXP Semiconductors UBA2016A Datasheet HTML 27Page - NXP Semiconductors UBA2016A Datasheet HTML 28Page - NXP Semiconductors UBA2016A Datasheet HTML 29Page - NXP Semiconductors UBA2016A Datasheet HTML 30Page - NXP Semiconductors UBA2016A Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 20 May 2011
27 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
Idch(CIFB)
discharge current on pin CIFB
preheat overcurrent detected;
VCIFB =1.5 V
7.7
9.0
10.3
μA
fsw(ph)
preheat switching frequency
UBA2015; UBA2015A
Rext(PH/EN) =40kΩ;
Cext(CF) =200 pF
93
97.7
102.4 kHz
Rext(PH/EN) = 100 kΩ;
Cext(CF) =200 pF
62
66
70
kHz
HB lamp ignition
fsw(high)/fsw(low)
high switching frequency to low
switching frequency ratio
2.2
2.4
2.6
Vfsw(low)(CIFB)
low switching frequency voltage on pin
CIFB
-3.0
-
V
Vth(lod)(IFB)
lamp on detection threshold voltage on
pin IFB
1.00
1.11
1.22
V
Vth(lod)(VFB)
lamp on detection threshold voltage on
pin VFB
0.9
1.0
1.1
V
V(Vreg−Vth(lod))
regulation voltage to lamp-on-detect
threshold voltage difference
pin IFB
40
160
220
mV
td(lod)
lamp on detection delay time
2
3
4
ms
HB normal operation
fsw(low)
low switching frequency
CCF = 200 pF
41
43
45
kHz
20
-
80
kHz
Vhigh(CF)
high voltage on pin CF
-
2.5
-
V
Vreg(IFB)
regulation voltage on pin IFB
VCIFB = 2 V; VIFB > 0 V
1.22
1.27
1.32
V
VCIFB = 2 V; VDIM = 127 mV;
VIFB >0V
77
127
177
mV
VCIFB = 2 V; VIFB < 0 V
−1.34 −1.27 −1.2
V
VCIFB = 2 V; VDIM = 127 mV;
VIFB < 0 V
−197 −127 −57
mV
Ich(low)(CF)
low charge current on pin CF
-
47
-
μA
Vi(IFB)
input voltage range on pin IFB
VCIFB = 2 V
−3.1
-
+3.1
V
Ri(IFB)
input resistance on pin IFB
VIFB =1V
-
60
-
k
Ω
VIFB = −1V
-
30
-
k
Ω
Ven(PH/EN)
enable voltage on pin PH/EN
0.21
0.25
0.29
V
VO(burn)(PH/EN)
burn state output voltage on pin PH/EN
Burn state
1.21
1.27
1.33
V
gm(IFB)
IFB transconductance
VCIFB = 2 V
14
16.5
19
μA/V
IO(clamp)(PH/EN)
output current clamp on pin PH/EN
Preheat, Ignition or Burn
states; VPH/EN =0.2 V
-
-
0.16
mA
HB driver
Isource(GLHB)
source current on pin GLHB
VGLHB =4V
−105 −90
−75
mA
Rsink(GLHB)
sink resistance on pin GLHB
VGLHB = 2 V
13.5
16
18.5
Ω
Isource(GHHB)
source current on pin GHHB
VSHHB =0 V; VGHHB =4 V
−105 −90
−75
mA
Table 6.
Characteristics …continued
Tamb = 25 °C; settings according to default setting[1]; all voltages referenced to GND; current flow into the IC is positive;
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com