công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UBA2016A bảng dữ liệu(PDF) 25 Page - NXP Semiconductors

tên linh kiện UBA2016A
Giải thích chi tiết về linh kiện  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2016A bảng dữ liệu(HTML) 25 Page - NXP Semiconductors

Back Button UBA2016A Datasheet HTML 21Page - NXP Semiconductors UBA2016A Datasheet HTML 22Page - NXP Semiconductors UBA2016A Datasheet HTML 23Page - NXP Semiconductors UBA2016A Datasheet HTML 24Page - NXP Semiconductors UBA2016A Datasheet HTML 25Page - NXP Semiconductors UBA2016A Datasheet HTML 26Page - NXP Semiconductors UBA2016A Datasheet HTML 27Page - NXP Semiconductors UBA2016A Datasheet HTML 28Page - NXP Semiconductors UBA2016A Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1 — 20 May 2011
25 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
[1]
Positive and negative latch-up currents tested at Tj = 150 °C by discharging a 22 μF capacitor though a 50 Ω series resistor with a
350
μH series inductor. Latch-up current values are in accordance with the general quality specification.
9.
Thermal characteristics
10. Characteristics
ElectroStatic Discharge (ESD)
VESD
electrostatic discharge
voltage
Human Body Model (HBM)
JEDEC Class 2 for pins: SLHB, IFB, EOL, CIFB,
CPT, IREF, VFB, CF, DIM, BOOST, PH/EN, FBPFC,
COMPPFC, AUXPFC, GPFC, VDD and GLHB
−2+2
kV
JEDEC Class 1C for pins: GHHB, FSHB and SHHB
−1+1
kV
Charge Device Model (CDM)
JEDEC Class 2 for pins: SHHB, FSHB, GHHB
−200
+200
V
JEDEC Class 3 for pins: SLHB, IFB, EOL, VFB,
IREF, CIFB, CF, CPT, DIM, BOOST, PH/EN, FBPFC,
COMPPFC, AUXPFC, GPFC, VDD, GLHB
−500
+500
V
Latch-up
Ilu
latch-up current
[1]
−100
+100
mA
Table 4.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages referenced to signal ground (GND
pin 15); current flow into the IC is positive.
Symbol
Parameter
Conditions
Min
Max
Unit
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to
ambient
in free air; mounted on a single-sided PCB;
SO20 package
100
K/W
in free air; mounted on a single-sided PCB;
DIP20 package
90
K/W
Table 6.
Characteristics
Tamb = 25 °C; settings according to default setting[1]; all voltages referenced to GND; current flow into the IC is positive;
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
High voltage
Ileak
leakage current
VFSHB =630 V;
VGHHB =630 V;
VSHHB = 630 V; VVDD =0V
--
2
μA
Start-up
Vstartup(VDD)
start-up voltage on pin VDD
11.9
12.4
12.9
V
Vstop(VDD)
stop voltage on pin VDD
9.6
10.0
10.4
V
Vhys(VDD)
hysteresis voltage on pin VDD
2.1
2.4
2.7
V
Istb(VDD)
standby current on pin VDD
VVDD = 11.5 V
0.20
0.24
0.28
mA
Ipu(stb)(PH/EN)
standby pull-up current on pin PH/EN
Standby or Stop state;
VPH/EN =0.25V
7.7
9
10.3
μA
Vrst(VDD)
reset voltage on pin VDD
3.6
4.2
4.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com