công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G12JVCF bảng dữ liệu(PDF) 6 Page - GREATECS

tên linh kiện G12JVCF
Giải thích chi tiết về linh kiện  Ultra-Miniature Fully Illuminated Toggle Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GREATECS [GREATECS]
Trang chủ  http://www.greatecs.com
Logo GREATECS - GREATECS

G12JVCF bảng dữ liệu(HTML) 6 Page - GREATECS

  G12JVCF Datasheet HTML 1Page - GREATECS G12JVCF Datasheet HTML 2Page - GREATECS G12JVCF Datasheet HTML 3Page - GREATECS G12JVCF Datasheet HTML 4Page - GREATECS G12JVCF Datasheet HTML 5Page - GREATECS G12JVCF Datasheet HTML 6Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Illuminated Switches
Illuminated Switches with LED Tipped Actuator
M21 Series
sales@greatecs.com
www.greatecs.com
L Toggle with isolated LED Circuit
T Toggle with Synchronous LED Circuit
Finish: Brushed aluminum
Standard Hardware: 2 AT513H Hex Nuts,
1 AT507H Locking Ring, 1 AT509 Lock-
washer
Threaded Bushing
combines with Termi-
nal codes 01, 02 & 03
TOGGLES: LED CIRCUIT & MOUNTING TYPE COMBINATIONS
6.2 Dia
14.7
5.0 Dia
20°
1/4-40 Thd
14.7
5.0 Dia
20°
Smooth Bushing com-
bines with Terminal
code 30
6.5 Dia
5.6
0.6
6.5 Dia
6.5
2.2 Dia
Max. Panel Thickness
with Standard Hard-
ware 2.6mm
Max. Panel Thickness
without Locking Ring
3.4mm
R Rocker with isolated LED Circuit
N Rocker with Synchronous LED Circuit
Material: Polyamide
Finish: Matte
Color: Black
ROCKERS: LED CIRCUIT & MOUNTING TYPE COMBINATIONS
Flat Frame combines with
Terminal codes 01, 02 & 03
Max. Panel Thickness 3.2mm
17.8
23.8
2.6 Dia Typ
10.1
12.0
20°
9.8
16.8
13.5
3.5
12.0
20°
3.5
9.8
0.6
16.8
13.5
Bracket combines with
Terminal codes 13
P Paddle with isolated LED Circuit
J Paddle with Synchronous LED Circuit
Material: Polyamide
Finish: Matte
Color: Black
PADDLES: LED CIRCUIT & MOUNTING TYPE COMBINATIONS
Flat Frame combines with
Terminal codes 01, 02 & 03
Max. Panel Thickness
3.2mm
Bracket combines with
Terminal codes 13
20°
3.2
3.5
20.1
5.9 R
4.5
20°
3.2
2.8
7.1
13.7
0.5
5.9 R
4.5
13.1
15.9
12.7
12.4
Max. Panel Thickness with-
out Bezel: 1 ~ 3.2mm;
Max. Panel Thickness with
Bezel: 1 ~ 2.5 mm
01 Solder Lug with Turret LED Terminal
02 Quick Connect
03 Straight PC with Turret LED Terminal
13 Straight PC with Bracket
& Turret LED Terminal
30 Right Angle PC
PADDLES: LED CIRCUIT & MOUNTING TYPE COMBINATIONS
Single Pole:
Double Pole:
Wiring:
Solder lug terminals have a
1.1x2.0mm oval hole which accom-
modates one solid 18-gauge wire or
two solid or stranded 20-gauge wires.
Epoxy Seal
6.35 4.8
4.8
1.17
4.0
2.0
1.1
2.0
Thk = 0.8 Typ
Epoxy Seal
6.35 4.8
4.8
Thk = 0.8 Typ
1.57 Typ
4.8 Typ
4.7 Typ
1.8 Dia Typ
1
2
3
6
5
4
7
8
9
4.7 Typ
4.8
1.8 Dia Typ
1
2
3
6
5
4
Epoxy Seal
6.35 4.8
4.8
Thk = 0.8 Typ
1.17 Typ
2
1
4
5
6
3
1.6 Typ
2.4 Typ
7.9 Typ
4.7 Typ
1.8 Dia Typ
1.5 Dia Typ
CL
3.81
4.7 Typ
1.8 Dia Typ
1
2
3
16.4
2.54 Typ
4
5
6
OPTIONAL BEZEL & COLORS
AT2107
Bezel for snap-in Panel Frame
Material: Polyamide
Finish: Matte
A Black
B White
C Red
E Yellow
F Green
G Blue
H Gray
11.8
21.5
12.0
15.6
2.2
13.1
15.9
STANDARD MOUNTING HARDWARE
AT513H
Hexagon Nuts (2 per switch)
Material: Brass with nickel plating
AT507H
Locking Ring (1 per switch)
Material: Steel with chromate over zinc
AT509
Lockwasher (1 per switch)
Material: Steel with chromate over zinc
9.0
1.5
8.0
1/4-40 Thd
1.7
0.8
2.0
5.5
6.35 Dia
12.0 Dia
0.5
6.4 Dia 10.2 Dia
J18



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com