công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G12JVCF bảng dữ liệu(PDF) 5 Page - GREATECS

tên linh kiện G12JVCF
Giải thích chi tiết về linh kiện  Ultra-Miniature Fully Illuminated Toggle Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GREATECS [GREATECS]
Trang chủ  http://www.greatecs.com
Logo GREATECS - GREATECS

G12JVCF bảng dữ liệu(HTML) 5 Page - GREATECS

  G12JVCF Datasheet HTML 1Page - GREATECS G12JVCF Datasheet HTML 2Page - GREATECS G12JVCF Datasheet HTML 3Page - GREATECS G12JVCF Datasheet HTML 4Page - GREATECS G12JVCF Datasheet HTML 5Page - GREATECS G12JVCF Datasheet HTML 6Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Illuminated Switches
Illuminated Switches with LED Tipped Actuator
M21 Series
sales@greatecs.com
www.greatecs.com
Model
Pole & Throw
Toggle Position & Terminal Numbers
Schematics
Down
Center
Up
Notes: Terminalnumbersarenotactuallyonthe
switch.LEDsrequireanexternalpower
source.
M2112
SPDT
ON
2-3
NONE
NONE
ON
2-1
Isolated LEDs(seeschematics)
ConnectedLEDTerminals
Synchronous Single Color LED
ConnectedLEDTerminals
Synchronous Bicolor LED
ConnectedLEDTerminals
ON
4-6
ON
4-6
Red
5-6
NONE
NONE
NONE
NONE
NONE
NONE
ON
4-6
OFF
OPEN
Green
5-4
M2113
SPDT
ON
2-3
OFF
OPEN
ON
2-1
Isolated LEDs (see schematics)
ConnectedLEDTerminals
Synchronous Single Color LED
ConnectedLEDTerminals
Synchronous Bicolor LED
ConnectedLEDTerminals
ON
4-6
ON
4-6
Red
5-6
ON
4-6
OFF
OPEN
OFF
OPEN
ON
4-6
ON
4-6
Green
5-4
M2122
DPDT
ON
2-35-6
NONE
NONE
ON
2-15-4
Isolated LEDs (see schematics)
ConnectedLEDTerminals
Synchronous Single Color LED
ConnectedLEDTerminals
Synchronous Bicolor LED
ConnectedLEDTerminals
ON
7-9
ON
7-9
Red
8-9
NONE
NONE
NONE
NONE
NONE
NONE
ON
7-9
OFF
OPEN
Green
8-7
M2123
DPDT
ON
2-35-6
OFF
OPEN
ON
2-15-4
Isolated LEDs (see schematics)
ConnectedLEDTerminals
Synchronous Single Color LED
ConnectedLEDTerminals
Synchronous Bicolor LED
ConnectedLEDTerminals
ON
7-9
ON
7-9
Red
8-9
ON
7-9
OFF
OPEN
OFF
OPEN
ON
7-9
ON
7-9
Green
8-7
IsolatedSingle
ColorLED
Isolated
BicolorLED
Synchronous
SingleColor
LED
Synchronous
BicolorLED
Connected Power Terminals
Connected Power Terminals
Connected Power Terminals
Connected Power Terminals
IsolatedSingle
ColorLED
Isolated
BicolorLED
Synchronous
SingleColor
LED
Synchronous
BicolorLED
POLES & CIRCUITS & LED ILLUMINATION
1
3
4
2 (COM)
5
6
7
9
(+) Red
( ) Green
Red
Green
1
6
7
9
2 (COM)
3
4
5
L(+)
L(-)
COM (+)
1
3
4
9
2 (COM)
5
6
7
8
Green
Red
1
3
7
9
2 (COM)
4
6
5
L(+)
L(-)
1
3
4
6
2 (COM)
(+) Red
( ) Green
Red
Green
1
3
4
6
2 (COM)
L(+)
L(-)
COM (+)
1
3
4
6
2 (COM)
5
Green
Red
1
3
4
6
2 (COM)
L(+)
L(-)
Keyway
Single Element LED
For Toggles & Rockers
For Paddles
Units
LED factory assembled
Not Available Separately
Bicolor is white in OFF state
Color
Single Color
Bicolor
Single Color
Bicolor
C
Red
E
Yellow
F
Green
CF
Red/Green
C
Red
E
Yellow
F
Green
CF
Red/Green
Forward Peak Current
I
FM
25
30
30
25
10
30
30
30/25
mA
Continuous Forward Current
I
F
20
20
20
20
8
24
24
20/20
mA
Forward Voltage
V
F
2.1
2.1
2.1
2.1
1.9
2.0
2.1
2.0/2.2
V
Reverse Peak Voltage
V
RM
4
4
4
-
5
5
5
-
V
Current Reduction Rate Above 25°C I
F
0.33
0.40
0.40
0.27/0.33
0.13
0.40
0.40
0.43/0.38
mA/°C
Ambient Temperature Range
-10°C ~ +55°C
-25°C ~ +70°C
LED COLORS & SPECIFICATIONS
J17



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com