công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1783 bảng dữ liệu(PDF) 49 Page - Microchip Technology

tên linh kiện PIC16F1783
Giải thích chi tiết về linh kiện  28-Pin 8-Bit Advanced Analog Flash Microcontrollers
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1783 bảng dữ liệu(HTML) 49 Page - Microchip Technology

Back Button PIC16F1783 Datasheet HTML 45Page - Microchip Technology PIC16F1783 Datasheet HTML 46Page - Microchip Technology PIC16F1783 Datasheet HTML 47Page - Microchip Technology PIC16F1783 Datasheet HTML 48Page - Microchip Technology PIC16F1783 Datasheet HTML 49Page - Microchip Technology PIC16F1783 Datasheet HTML 50Page - Microchip Technology PIC16F1783 Datasheet HTML 51Page - Microchip Technology PIC16F1783 Datasheet HTML 52Page - Microchip Technology PIC16F1783 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 420 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41579A-page 49
PIC16(L)F1782/3
5.0
RESETS
There are multiple ways to reset this device:
• Power-on Reset (POR)
• Brown-out Reset (BOR)
• Ultra Low-Power Brown-out Reset (ULPBOR)
•MCLR Reset
•WDT Reset
• RESET instruction
• Stack Overflow
• Stack Underflow
• Programming mode exit
To allow VDD to stabilize, an optional power-up timer
can be enabled to extend the Reset time after a BOR
or POR event.
A simplified block diagram of the On-Chip Reset Circuit
is shown in Figure 5-1.
FIGURE 5-1:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
External Reset
MCLR
VDD
WDT
Time-out
Power-on
Reset
LFINTOSC
PWRT
64 ms
PWRTEN
Brown-out
Reset
BOR
RESET
Instruction
Stack
Pointer
Stack Overflow/Underflow Reset
Sleep
MCLRE
Enable
Device
Reset
Zero
Programming Mode Exit
LPBOR
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More