công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1783 bảng dữ liệu(PDF) 3 Page - Microchip Technology

tên linh kiện PIC16F1783
Giải thích chi tiết về linh kiện  28-Pin 8-Bit Advanced Analog Flash Microcontrollers
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1783 bảng dữ liệu(HTML) 3 Page - Microchip Technology

  PIC16F1783 Datasheet HTML 1Page - Microchip Technology PIC16F1783 Datasheet HTML 2Page - Microchip Technology PIC16F1783 Datasheet HTML 3Page - Microchip Technology PIC16F1783 Datasheet HTML 4Page - Microchip Technology PIC16F1783 Datasheet HTML 5Page - Microchip Technology PIC16F1783 Datasheet HTML 6Page - Microchip Technology PIC16F1783 Datasheet HTML 7Page - Microchip Technology PIC16F1783 Datasheet HTML 8Page - Microchip Technology PIC16F1783 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 420 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41579A-page 3
PIC16(L)F1782/3
High-Performance RISC CPU:
• Only 49 Instructions
• Operating Speed:
- DC – 32 MHz clock input
- DC – 125 ns instruction cycle
• Interrupt Capability with Automatic Context
Saving
• 16-Level Deep Hardware Stack with optional
Overflow/Underflow Reset
• Direct, Indirect and Relative Addressing modes:
- Two full 16-bit File Select Registers (FSRs)
- FSRs can read program and data memory
Extreme Low-Power (XLP) Management:
• Standby Current (PIC16LF1782/3):
- 50 nA @ 1.8V, typical
• Watchdog Timer Current (PIC16LF1782/3):
- 500 nA @ 1.8V, typical
• Timer1 (32.768 kHz Real-Time Clock) Oscillator
Current (PIC16LF1782/3):
- 500 nA @ 1.8V, typical
• Operating Current (PIC16LF1782/3):
-4
A @ 32 kHz, 1.8V, typical
• Operating Current (PIC16LF1782/3):
-150
A @ 1 MHz, 1.8V, typical
Memory Features:
• Up to 4 KW Flash Program Memory:
- Self-programmable under software control
- Programmable code protection
- Programmable write protection
• 256 Bytes of Data EEPROM
• Up to 512 Bytes of RAM
High Performance PWM Controller:
• Two Programmable Switch Mode Controller
(PSMC) modules:
- Digital and/or analog feedback control of
PWM frequency and pulse begin/end times
- 16-bit Period, Duty Cycle and Phase
- 16 ns clock resolution
- Supports Single PWM, Complementary, Push-
Pull and 3-phase modes of operation
- Dead-band control with 8-bit counter
- Auto-shutdown and restart
- Leading and falling edge blanking
-Burst mode
Analog Peripheral Features:
• Analog-to-Digital Converter (ADC):
- Fully differential 12-bit converter
- 100 ksps conversion rate
- 11 single-ended channels
- 5 differential channels
- Positive and negative reference selection
• 8-bit Digital-to-Analog Converter (DAC):
- Output available externally
- Positive and negative reference selection
- Internal connections to comparators, op
amps, Fixed Voltage Reference (FVR) and
ADC
• Three High-Speed Comparators:
- 30 ns response time
- Rail-to-rail inputs
- Software selectable hysteresis
- Internal connection to op amps, FVR and
DAC
• Two Operational Amplifiers:
- Rail-to-rail inputs/outputs
- High/Low selectable Gain Bandwidth Product
- Internal connection to DAC and FVR
• Fixed Voltage Reference (FVR):
- 1.024V, 2.048V and 4.096V output levels
- Internal connection to ADC, comparators and
DAC
Digital Peripheral Features:
• Timer0: 8-Bit Timer/Counter with 8-Bit
Programmable Prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Gate Input mode
- Dedicated low-power 32 kHz oscillator driver
• Timer2: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
• Two Capture/Compare/PWM modules (CCP):
- 16-bit capture, maximum resolution 12.5 ns
- 16-bit compare, max resolution 31.25 ns
- 10-bit PWM, max frequency 32 kHz
• Master Synchronous Serial Port (SSP) with SPI
and I2CTM with:
- 7-bit address masking
- SMBus/PMBusTM compatibility
• Enhanced Universal Synchronous Asynchronous
Receiver Transmitter (EUSART):
- RS-232, RS-485 and LIN compatible
- Auto-baud detect
- Auto-wake-up on start
28-Pin
8-Bit Advanced Analog Flash Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com