| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1847 bảng dữ liệu(PDF) 189 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1847 bảng dữ liệu(HTML) 189 Page - Microchip Technology |
|
189 / 408 page ![]() 2011 Microchip Technology Inc. Preliminary DS41453B-page 189 PIC16(L)F1847 TABLE 21-5: SUMMARY OF REGISTERS ASSOCIATED WITH TIMER1 Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register on Page ANSELB ANSB7 ANSB6 ANSB5 ANSB4 ANSB3 ANSB2 ANSB1 — 128 CCP1CON P1M<1:0> DC1B<1:0> CCP1M<3:0> 228 INTCON GIE PEIE TMR0IE INTE IOCE TMR0IF INTF IOCF 89 PIE1 TMR1GIE ADIE RCIE TXIE SSP1IE CCP1IE TMR2IE TMR1IE 90 PIR1 TMR1GIF ADIF RCIF TXIF SSP1IF CCP1IF TMR2IF TMR1IF 94 PORTB RB7 RB6 RB5 RB4 RB3 RB2 RB1 RB0 127 TMR1H Holding Register for the Most Significant Byte of the 16-bit TMR1 Register 179* TMR1L Holding Register for the Least Significant Byte of the 16-bit TMR1 Register 179* TRISB TRISB7 TRISB6 TRISB5 TRISB4 TRISB3 TRISB2 TRISB1 TRISB0 127 T1CON TMR1CS<1:0> T1CKPS<1:0> T1OSCEN T1SYNC —TMR1ON 187 T1GCON TMR1GE T1GPOL T1GTM T1GSPM T1GGO/ DONE T1GVAL T1GSS<1:0> 188 Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by the Timer1 module. * Page provides register information. |