| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1847 bảng dữ liệu(PDF) 167 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1847 bảng dữ liệu(HTML) 167 Page - Microchip Technology |
|
167 / 408 page ![]() 2011 Microchip Technology Inc. Preliminary DS41453B-page 167 PIC16(L)F1847 FIGURE 19-3: COMPARATOR 2 MODULE SIMPLIFIED BLOCK DIAGRAM Note 1: When CxON = 0, the Comparator will produce a ‘0’ at the output 2: When CxON = 0, all multiplexer inputs are disconnected. 3: Output of comparator can be frozen during debugging. MUX Cx(3) 0 1 2 3 CxON(1) CxNCH<1:0> 2 0 1 CXPCH<1:0> C12IN1- C12IN2- C12IN3- C12IN+ MUX - + CxVN CxVP CXOUT To ECCP PWM Logic Q1 D EN Q CXPOL MCXOUT Set CxIF 0 1 CXSYNC CXOE CXOUT DQ SYNCCXOUT DAC FVR Buffer2 C12IN0- 2 CxSP CxHYS det Interrupt det Interrupt CxINTN CxINTP To Data Bus 2 3 VSS TRIS bit CxON (2) (2) (from Timer1) T1CLK To Timer1 or SR Latch |