| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1847 bảng dữ liệu(PDF) 129 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1847 bảng dữ liệu(HTML) 129 Page - Microchip Technology |
|
129 / 408 page ![]() 2011 Microchip Technology Inc. Preliminary DS41453B-page 129 PIC16(L)F1847 12.3.4 PORTB FUNCTIONS AND OUTPUT PRIORITIES Each PORTB pin is multiplexed with other functions. The pins, their combined functions and their output priorities are briefly described here. For additional information, refer to the appropriate section in this data sheet. When multiple outputs are enabled, the actual pin control goes to the peripheral with the lowest number in the following lists. Analog input and some digital input functions are not included in the list below. These input functions can remain active when the pin is configured as an output. Certain digital input functions, such as the EUSART RX signal, override other port functions and are included in the priority list. RB0 1. P1A 2. RB0 RB1 1. SDA1 2. RX/DT 3. RB1 RB2 1. SDA2 2. TX/CK 3. RX/DT 4. SDO1 5. RB2 RB3 1. MDOUT 2. CCP1/P1A 3. RB3 RB4 1. SCL1 2. SCK1 3. RB4 RB5 1. SCL2 2. TX/CK 3. SCK2 4. P1B 5. RB5 RB6 1. ICSPCLK (Programming) 2. T1OSI 3. P1C 4. CCP2 5. P2A 6. RB6 RB7 1. ICSPDAT (Programming) 2. T1OSO 3. P1D 4. P2B 5. RB7 |