công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MASW-005100-1194 bảng dữ liệu(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện MASW-005100-1194
Giải thích chi tiết về linh kiện  HMIC SP5T Silicon PIN Diode Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-005100-1194 bảng dữ liệu(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-005100-1194_2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-005100-1194_2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-005100-1194_2 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-005100-1194_2 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-005100-1194_2 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-005100-1194_2 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASW-005100-1194_2 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
V3
MASW-005100-1194
HMIC™ SP5T Silicon PIN Diode Switch
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
CONTROL LEVEL ( DC CURRENT )
CONDITION OF RF OUTPUT
J2
J3
J4
J5
J6
J2-J1
J3-J1
J4-J1
J5-J1
J6-J1
-20 mA
+20 mA
+20 mA
+20 mA +20 mA Low Loss
Isolation
Isolation
Isolation
Isolation
+20 mA
-20 mA
+20 mA
+20 mA +20 mA
Isolation
Low Loss
Isolation
Isolation
Isolation
+20 mA +20 mA
-20 mA
+20 mA +20 mA
Isolation
Isolation
Low Loss
Isolation
Isolation
+20 mA +20 mA
+20 mA
-20 mA +20 mA
Isolation
Isolation
Isolation
Low Loss
Isolation
+20 mA +20 mA
+20 mA
+20 mA -20 mA
Isolation
Isolation
Isolation
Isolation
Low Loss
Electrical Specifications
TAMB = 25°C, ± 20 mA bias current (on-wafer measurements)
PARAMETER
FREQUENCY
MIN
TYP
MAX
UNITS
INSERTION LOSS
20GHz
0.9
1.4
dB
ISOLATION
20GHz
28
38
dB
INPUT RETURN LOSS
20GHz
22
dB
OUTPUT RETURN LOSS
20GHz
23
dB
SWITCHING SPEED
10GHz 1
50
nS
Typical Driver Connections
Notes:
Typical switching speed is measured from 10% to 90% of detected RF voltage driven by a TTL compatible driver. Driver
output parallel RC network uses a capacitor between 390pF – 560pF and a resistor between 150Ω – 220Ω to achieve 50nS
rise and fall times.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com