| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5602DPB bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5602DPB bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 27 page ![]() MPC5602D Microcontroller Product Brief, Rev. 3.1 Preliminary—Subject to Change Without Notice Block diagram Freescale Semiconductor 4 2 Block diagram Figure 1 shows a top-level block diagram of the MPC5602D family. Table 1 provides further details on the block functions. Figure 1. MPC5602D series block diagram 2 x DSPI FMPLL Nexus 1 SRAM SIUL Reset Control 16 KB External IMUX GPIO & JTAG Pad Control JTAG Port e200z0h Interrupt requests 1 x FlexCAN Peripheral Bridge Interrupt Request Interrupt Request I/O Clocks Instructions Data Voltage Regulator NMI SWT PIT STM NMI SIUL . . . . . . . . . . . . INTC 3 x LINFlex 1 x eMIOS 33 ch. ADC CMU SRAM Flash Code Flash 256 KB Data Flash 64 KB MC_PCU MC_ME MC_CGM MC_RGM BAM CTU RTC SSCM (Master) (Master) (Slave) (Slave) (Slave) Controller Controller Legend: ADC Analog-to-Digital Converter BAM Boot Assist Module CMU Clock Monitor Unit CTU Cross Triggering Unit DSPI Deserial Serial Peripheral Interface ECSM Error Correction Status Module eDMA Enhanced Direct Memory Access eMIOS Enhanced Modular Input Output System Flash Flash memory FlexCAN Controller Area Network (FlexCAN) FMPLL Frequency-Modulated Phase-Locked Loop IMUX Internal Multiplexer INTC Interrupt Controller JTAG JTAG controller LINFlex Serial Communication Interface (LIN support) MC_CGM Clock Generation Module MC_ME Mode Entry Module MC_PCU Power Control Unit MC_RGM Reset Generation Module NMI Non-Maskable Interrupt PIT Periodic Interrupt Timer RTC Real-Time Clock SIUL System Integration Unit Lite SRAM Static Random-Access Memory SSCM System Status Configuration Module STM System Timer Module SWT Software Watchdog Timer WKPU Wakeup Unit XBAR Crossbar switch eDMA ECSM from peripheral blocks WKPU Request Interrupt Request (Master) |