công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

6TPE330MIL bảng dữ liệu(PDF) 12 Page - Linear Technology

tên linh kiện 6TPE330MIL
Giải thích chi tiết về linh kiện  10A High Effi ciency DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

6TPE330MIL bảng dữ liệu(HTML) 12 Page - Linear Technology

Back Button 6TPE330MIL Datasheet HTML 8Page - Linear Technology 6TPE330MIL Datasheet HTML 9Page - Linear Technology 6TPE330MIL Datasheet HTML 10Page - Linear Technology 6TPE330MIL Datasheet HTML 11Page - Linear Technology 6TPE330MIL Datasheet HTML 12Page - Linear Technology 6TPE330MIL Datasheet HTML 13Page - Linear Technology 6TPE330MIL Datasheet HTML 14Page - Linear Technology 6TPE330MIL Datasheet HTML 15Page - Linear Technology 6TPE330MIL Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTM4600
12
4600fc
time to charge up the output capacitor, CSS is used as a
short-circuit timer. After the RUN/SS pin charges above 4V,
if the output voltage falls below 75% of its regulated value,
then a short-circuit fault is assumed. A 1.8μA current then
begins discharging CSS. If the fault condition persists until
the RUN/SS pin drops to 3.5V, then the controller turns
off both power MOSFETs, shutting down the converter
permanently. The RUN/SS pin must be actively pulled
down to ground in order to restart operation.
The over-current protection timer requires the soft-start
timing capacitor CSS be made large enough to guarantee
that the output is in regulation by the time CSS has reached
the 4V threshold. In general, this will depend upon the size
of the output capacitance, output voltage and load current
characteristic. A minimum external soft-start capacitor
can be estimated from:
CSS EXT + 1000pF >COUT •VOUT(10
–3[F / V
S])
Generally 0.1μF is more than sufficient.
Since the load current is already limited by the current
mode control and current foldback circuitry during a
shortcircuit, over-current latchoff operation is NOT always
needed or desired, especially if the output has a large
amount of capacitance or the load draws huge currents
during start up. The latchoff feature can be overridden
by a pull-up current greater than 5μA but less than 80μA
to the RUN/SS pin. The additional currents prevents the
discharge of CSS during a fault and also shortens the soft-
start period. Using a resistor from RUN/SS pin to VIN is
a simple solution to defeat latchoff. Any pull-up network
must be able to maintain RUN/SS above 4V maximum
latchoff threshold and overcome the 4μA maximum dis-
charge current. Figure 3 shows a conceptual drawing of
VRUN during startup and short circuit.
Figure 5. Enable Circuit with External Logic
RUN/SS
4600 F05
LTM4600
PGND
2N7002
SGND
ON
VIN
VIN
RRUN/SS
RUN/SS
4600 F04
LTM4600
PGND SGND
RECOMMENDED VALUES FOR RRUN/SS
VIN
4.5V TO 5.5V
10.8V TO 13.8V
16V TO 20V
RRUN/SS
50k
150k
330k
Figure 4. Defeat Short-Circuit Latchoff with a Pull-Up
Resistor to VIN
Figure 3. RUN/SS Pin Voltage During Startup and
Short-Circuit Protection
VRUN/SS
3.5V
t
t
75%VO
SWITCHING
STARTS
SOFT-START
CLAMPING
OF IL RELEASED
SHORT-CIRCUIT
LATCHOFF
OUTPUT
OVERLOAD
HAPPENS
SHORT-CIRCUIT
LATCH ARMED
4V
3V
1.5V
4600 F03
VO
Enable
The RUN/SS pin can be driven from logic as shown in
Figure 5. This function allows the LTM4600 to be turned
on or off remotely. The ON signal can also control the
sequence of the output voltage.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com