công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT66F03 bảng dữ liệu(PDF) 80 Page - Holtek Semiconductor Inc

tên linh kiện HT66F03
Giải thích chi tiết về linh kiện  Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F03 bảng dữ liệu(HTML) 80 Page - Holtek Semiconductor Inc

Back Button HT66F03 Datasheet HTML 76Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 77Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 78Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 79Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 80Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 81Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 82Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 83Page - Holtek Semiconductor Inc HT66F03 Datasheet HTML 84Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 147 page
background image
HT66F03/HT66F04/HT68F03/HT68F04
Rev. 1.30
80
February 17, 2011
However a compare match from Comparator A will also
automatically clear the TnON bit and thus generate the
Single Pulse output trailing edge. In this way the CCRA
value can be used to control the pulse width. A compare
match from Comparator A will also generate a TM inter-
rupt. The counter can only be reset back to zero when
the TnON bit changes from low to high when the counter
restarts. In the Single Pulse Mode CCRP is not used.
The TnCCLR and TnDPX bits are not used in this Mode.
Capture Input Mode
To select this mode bits TnM1 and TnM0 in the TMnC1
register should be set to 01 respectively. This mode en-
ables the external signal to capture and store the pres-
ent value of the internal counter and can therefore be
used for applications such as pulse width measure-
ments. The external signal is supplied on the TP1 pin,
whose active edge can be either a rising edge, a falling
edge or both rising and falling edges; the active edge
transition type is selected using the TnIO1 and TnIO0
bits in the TMnC1 register. The counter is started when
the TnON bit changes from low to high which is initiated
using the application program.
When the required edge transition appears on the TP1
pin, the present value in the counter will be latched into
the CCRA registers and a TM interrupt generated. Irre-
spective of what events occur on the TP1 pin the coun-
ter will continue to free run until the TnON bit changes
from high to low. When a CCRP compare match occurs
the counter will reset back to zero; in this way the CCRP
value can be used to control the maximum counter
value. When a CCRP compare match occurs from Com-
parator P, a TM interrupt will also be generated.
Counting the number of overflow interrupt signals from
the CCRP can be a useful method in measuring long
pulse widths. The TnIO1 and TnIO0 bits can select the
active trigger edge on the TP1 pin to be a rising edge,
falling edge or both edge types. If the TnIO1 and TnIO0
bits are both set high, then no capture operation will take
place irrespective of what happens on the TP1 pin, how-
ever it must be noted that the counter will continue to
run.
As the TP1 pin is pin shared with other functions, care
must be taken if the TM is in the Input Capture Mode.
This is because if the pin is setup as an output, then any
transitions on this pin may cause an input capture oper-
ation to be executed. The TnCCLR and TnDPX bits are
not used in this Mode.
Counter Value
YY
CCRP
TnON
TnPAU
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
CCRA
Value
Time
Counter cleared
by CCRP
Pause
Resume
Counter
Reset
TnM [1:0] = 01
TM capture
pin TPn_x
XX
Counter
Stop
TnIO [1:0]
Value
XX
YY
XX
YY
Active
edge
Active
edge
Active edge
00
Rising edge
01
Falling edge
10
Both edges
11
Disable Capture
Capture Input Mode
Note:
1. TnM [1:0] = 01 and active edge set by the TnIO [1:0] bits
2. A TM Capture input pin active edge transfers the counter value to CCRA
3. The TnCCLR bit is not used
4. No output function -- TnOC and TnPOL bits are not used
5. CCRP determines the counter value and the counter has a maximum count value when CCRP is equal
to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com