công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT46R064D bảng dữ liệu(PDF) 41 Page - Holtek Semiconductor Inc

tên linh kiện HT46R064D
Giải thích chi tiết về linh kiện  Enhanced A/D Type MCU with High Current LED Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R064D bảng dữ liệu(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT46R064D Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R064D Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R064D Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R064D Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R064D Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R064D Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R064D Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R064D Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R064D Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 114 page
background image
For applications that operate within an environment where more noise is present the Enhanced Reset
Circuit shown is recommended.
More information regarding external reset circuits is located in Application Note HA0075E on the
Holtek website.
RES PinReset
This type of reset occurs when the microcontroller is already running and the RES pin is forcefully
pulled low by external hardware such as an external switch. In this case as in the case of other reset, the
Program Counter will reset to zero and program execution initiated from this point.
LowVoltageReset
- LVR
The microcontroller contains a low voltage reset circuit in order to monitor the supply voltage of the
device. The LVR function is selected via a configuration option. If the supply voltage of the device
drops to within a range of 0.9V~VLVR such as might occur when changing the battery, the LVR will
automatically reset the device internally. For a valid LVR signal, a low supply voltage, i.e., a voltage in
the range between 0.9V~VLVR must exist for a time greater than that specified by tLVR in the A.C.
characteristics. If the low supply voltage state does not exceed this value, the LVR will ignore the low
supply voltage and will not perform a reset function. The actual VLVR value can be selected via
configuration options.
Rev.1.00
36
January12,2011
HT46R064D/065D/066D
EnhancedA/DType8-Bit OTP MCU withLEDDriver
R E S
I n t e r n a l R e s e t
0 . 9 V D D
0 . 4 V D D
t R S T D + t S S T
Note: tRSTD ispower-ondelay,typicaltime=50ms
RES ResetTimingChart
R E S / P A 7
0 . 1 ~ 1 m F
1 0 k W ~
1 0 0 k W
V D D
V S S
0 . 0 1 m F * *
V D D
1 N 4 1 4 8 *
3 0 0 W *
Note:
²*² Itisrecommendedthatthiscomponentisaddedforadded ESD protection
²**² It is recommended that this component is added in environments where power line noise
issignificant
External RES Circuit
L V R
I n t e r n a l R e s e t
t R S T D + t S S T
Note: tRSTD ispower-ondelay,typicaltime=50ms
LowVoltageResetTimingChart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com