công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT46R064D bảng dữ liệu(PDF) 39 Page - Holtek Semiconductor Inc

tên linh kiện HT46R064D
Giải thích chi tiết về linh kiện  Enhanced A/D Type MCU with High Current LED Driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R064D bảng dữ liệu(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT46R064D Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R064D Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R064D Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R064D Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R064D Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R064D Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R064D Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R064D Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R064D Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 114 page
background image
Under normal program operation, a Watchdog Timer time-out will initialise a device reset and set the
status bit TO. However, if the system is in the Sleep Mode, when a Watchdog Timer time-out occurs,
the device will be woken up, the TO bit in the status register will be set and only the Program Counter
and Stack Pointer will be reset. Three methods can be adopted to clear the contents of the Watchdog
Timer. The first is an external hardware reset, which means a low level on the external reset pin, the
second is using the Clear Watchdog Timer software instructions and the third is when a HALT
instruction is executed. There are two methods of using software instructions to clear the Watchdog
Timer, one of which must be chosen by configuration option. The first option is to use the single
²CLR
WDT
² instruction while the second is to use the two commands ²CLR WDT1² and ²CLR WDT2². For
the first option, a simple execution of
²CLR WDT² will clear the Watchdog Timer while for the second
option, both
²CLR WDT1² and ²CLR WDT2² must both be executed to successfully clear the
Watchdog Timer. Note that for this second option, if
²CLR WDT1² is used to clear the Watchdog
Timer, successive executions of this instruction will have no effect, only the execution of a
²CLR
WDT2
² instruction will clear the Watchdog Timer. Similarly after the ²CLR WDT2² instruction has
been executed, only a successive
²CLR WDT1² instruction can clear the Watchdog Timer.
WDTS Register
Bit
7
6
5
4
3
2
1
0
Name
¾
¾
¾
¾
¾
WS2
WS1
WS0
R/W
¾
¾
¾
¾
¾
R/W
R/W
R/W
POR
¾
¾
¾
¾
¾
1
1
1
Bit7~3:
unimplemented,readas
²0²
Bit2~0
WS2,WS1,WS0: WDT time-outperiodselection
000:2
8 t
WDTCK
001:2
9 t
WDTCK
010:2
10 t
WDTCK
011:2
11 t
WDTCK
100:2
12 t
WDTCK
101:2
13 t
WDTCK
110:2
14 t
WDTCK
111:2
15 t
WDTCK
Rev.1.00
34
January12,2011
HT46R064D/065D/066D
EnhancedA/DType8-Bit OTP MCU withLEDDriver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com