công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16LF721 bảng dữ liệu(PDF) 191 Page - Microchip Technology

tên linh kiện PIC16LF721
Giải thích chi tiết về linh kiện  20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF721 bảng dữ liệu(HTML) 191 Page - Microchip Technology

Back Button PIC16LF721 Datasheet HTML 187Page - Microchip Technology PIC16LF721 Datasheet HTML 188Page - Microchip Technology PIC16LF721 Datasheet HTML 189Page - Microchip Technology PIC16LF721 Datasheet HTML 190Page - Microchip Technology PIC16LF721 Datasheet HTML 191Page - Microchip Technology PIC16LF721 Datasheet HTML 192Page - Microchip Technology PIC16LF721 Datasheet HTML 193Page - Microchip Technology PIC16LF721 Datasheet HTML 194Page - Microchip Technology PIC16LF721 Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 244 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41430B-page 191
PIC16(L)F720/721
23.3
DC Characteristics: PIC16(L)F720/721-I/E (Power-Down)
PIC16LF720/721
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC16F720/721
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device Characteristics
Min.
Typ†
Max.
+85°C
Max.
+125°C
Units
Conditions
VDD
Note
Power-down Base Current (IPD)(2)
D020
—
0.06
1
8
A
1.8
WDT, BOR, FVR, and all
Peripherals Inactive
—0.08
2
9
A3.0
D020
—
21
55
63
A
1.8
WDT, BOR, FVR, and all
Peripherals Inactive
—
25
58
78
A
3.0
—
27
60
88
A
5.0
D021
—
0.5
6
9.0
A
1.8
LPWDT Current (Note 1)
—0.8
7
10
A3.0
D021
—
23
57
65
A
1.8
LPWDT Current (Note 1)
—
26
59
80
A
3.0
—
28
61
90
A
5.0
D021A
—
15
28
30
A
1.8
FVR current (Note 1. Note 3)
—17
30
33
A3.0
D021A
—
38
96
100
A
1.8
FVR current (Note 1, Note 3)
—
45
112
123
A
3.0
—
90
142
158
A
5.0
D022
—
—
—
—
A
1.8
BOR Current (Note 1, Note 3)
—13
25
28
A3.0
D022
—
—
—
—
A
1.8
BOR Current (Note 1, Note 3)
—
40
110
120
A
3.0
—
87
140
155
A
5.0
Power-down Base Current (IPD)(2)
D027
—
0.1
5
9
A
1.8
A/D Current (Note 1, Note 4), no
conversion in progress
—0.1
6
10
A3.0
D027
—
22
56
64
A
1.8
A/D Current (Note 1, Note 4), no
conversion in progress
—
26
58
79
A
3.0
—
27
61
90
A
5.0
D027A
—
250
400
405
A
1.8
A/D Current (Note 1, Note 4),
conversion in progress
—
260
420
425
A3.0
D027A
—
280
430
435
A
1.8
A/D Current (Note 1, Note 4),
conversion in progress
—
300
450
455
A
3.0
—
320
470
475
A
5.0
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note
1:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this peripheral is
enabled. The peripheral
 current can be determined by subtracting the base IDD or IPD current from this limit. Max
values should be used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.
3:
Fixed Voltage Reference is automatically enabled whenever the BOR is enabled.
4:
A/D oscillator source is FRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com