| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9LPRS545 bảng dữ liệu(PDF) 10 Page - Integrated Circuit Solution Inc |
|
|
|||||||||||||||||||||||||||||
ICS9LPRS545 bảng dữ liệu(HTML) 10 Page - Integrated Circuit Solution Inc |
|
10 / 17 page ![]() 10 Integrated Circuit Systems, Inc. ICS9LPRS545 Datasheet 1479A—07/28/09 General SMBus serial interface information for the ICS9LPRS545 How to Write: • Controller (host) sends a start bit. • Controller (host) sends the write address D2 (H) • ICS clock will acknowledge • Controller (host) sends the begining byte location = N • ICS clock will acknowledge • Controller (host) sends the data byte count = X • ICS clock will acknowledge • Controller (host) starts sending Byte N through Byte N + X -1 • ICS clock will acknowledge each byte one at a time • Controller (host) sends a Stop bit How to Read: • Controller (host) will send start bit. • Controller (host) sends the write address D2 (H) • ICS clock will acknowledge • Controller (host) sends the begining byte location = N • ICS clock will acknowledge • Controller (host) will send a separate start bit. • Controller (host) sends the read address D3 (H) • ICS clock will acknowledge • ICS clock will send the data byte count = X • ICS clock sends Byte N + X -1 • ICS clock sends Byte 0 through byte X (if X (H) was written to byte 8). • Controller (host) will need to acknowledge each byte • Controllor (host) will send a not acknowledge bit • Controller (host) will send a stop bit ICS (Slave/Receiver) T WR ACK ACK ACK ACK ACK P stoP bit Index Block Write Operation Slave Address D2(H) Beginning Byte = N WRite starT bit Controller (Host) Byte N + X - 1 Data Byte Count = X Beginning Byte N T starT bit WR WRite RT Repeat starT RD ReaD Beginning Byte N Byte N + X - 1 N Not acknowledge P stoP bit Slave Address D3(H) Index Block Read Operation Slave Address D2(H) Beginning Byte = N ACK ACK Data Byte Count = X ACK ICS (Slave/Receiver) Controller (Host) ACK ACK |