công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

33984B bảng dữ liệu(PDF) 19 Page - Freescale Semiconductor, Inc

tên linh kiện 33984B
Giải thích chi tiết về linh kiện  Dual Intelligent High-current
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984B bảng dữ liệu(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 33984B Datasheet HTML 15Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 16Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 17Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 18Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 19Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 20Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 21Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 22Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
33984
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
POWER SUPPLY
The 33984 is designed to operate from 4.0 to 28 V on the
VPWR pin. Characteristics are provided from 6.0 to 20 V for
the device. The VPWR pin supplies power to internal
regulator, analog, and logic circuit blocks. The VDD supply is
used for Serial Peripheral Interface (SPI) communication in
order to configure and diagnose the device. This IC
architecture provides a low quiescent current sleep mode.
Applying VPWR and VDD to the device will place the device in
the Normal mode. The device will transit to Fail-safe mode in
case of failures on the SPI (watchdog timeout).
HIGH SIDE SWITCH: HS[0:1]
Those pins are the high side outputs controlling multiple
automotive loads with high inrush current, as well as motors
and all types of resistive and inductive loads. This N-channel
MOSFET with 4.0 m
Ω RDS(ON), is self-protected and each
N-channel presents extended diagnostics in order to detect
load disconnections and short-circuit fault conditions. The
HS[0:1] outputs are actively clamped during a turn-off of
inductive loads.
MCU INTERFACE AND OUTPUT CONTROL
In Normal mode, the loads are controlled directly from the
MCU through the SPI. With a dedicated SPI command, it is
possible to independently turn on and off several loads that
are PWM’d at the same frequency, and duty cycles with only
one PWM signal. An analog feedback output provides a
current proportional to each load current. The SPI is used to
configure and to read the diagnostic status (faults) of the high
side output. The reported fault conditions are: open load,
short-circuit to ground (OCLO-resistive and OCHI-severe
short-circuit), thermal shutdown, and under/over-voltage.
In Fail-safe mode, the loads are controlled with dedicated
parallel input pins. The device is configured in default mode.
MCU
INTERFACE
MCU INTERFACE AND
OUTPUT CONTROL
SPI INTERFACE
PARALLEL CONTROL
INPUTS
POWER SUPPLY
SELF-PROTECTED
HIGH SIDE SWITCH
HS [0:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com