công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

33984B bảng dữ liệu(PDF) 34 Page - Freescale Semiconductor, Inc

tên linh kiện 33984B
Giải thích chi tiết về linh kiện  Dual Intelligent High-current
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33984B bảng dữ liệu(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 33984B Datasheet HTML 30Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 31Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 32Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 33Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 34Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 35Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 36Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 37Page - Freescale Semiconductor, Inc 33984B Datasheet HTML 38Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
33984
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 2.0)
Introduction
This thermal addendum is provided as a supplement to the 33984 technical
datasheet. The addendum provides thermal performance information that may be
critical in the design and development of system applications. All electrical,
application, and packaging information is provided in the datasheet.
Packaging and Thermal Considerations
This package is a dual die package. There are two heat sources in the package
independently heating with P1 and P2. This results in two junction temperatures,
TJ1 and TJ2, and a thermal resistance matrix with RθJAmn.
For m, n = 1, RθJA11 is the thermal resistance from Junction 1 to the reference
temperature while only heat source 1 is heating with P1.
For m = 1, n = 2, RθJA12 is the thermal resistance from Junction 1 to the
reference temperature while heat source 2 is heating with P2. This applies to RθJ21
and RθJ22, respectively.
The stated values are solely for a thermal performance comparison of one package to another in a standardized environment.
This methodology is not meant to and will not predict the performance of a package in an application-specific environment. Stated
values were obtained by measurement and simulation according to the standards listed below.
Standards
Figure 1. Surface Mount for Power PQFN
with Exposed Pads
HIGH SIDE SWITCH
33984
PNA SUFFIX
98ARL10521D
16-PIN PQFN
12 mm x 12 mm
Note For package dimensions, refer to
the 33984 data sheet.
TJ1
TJ2
=
RθJA11
RθJA21
RθJA12
RθJA22
.
P1
P2
Table 1. Thermal Performance Comparison
Thermal
Resistance
1 = Power Chip, 2 = Logic Chip [
°C/W]
m = 1,
n = 1
m = 1, n = 2
m = 2, n = 1
m = 2,
n = 2
RθJAmn
(1) (2)
20
16
39
RθJBmn
(2) (3)
6.0
2.0
26
RθJAmn
(1) (4)
53
40
72
RθJCmn
(5)
<0.5
0.0
1.0
Notes:
1.
Per JEDEC JESD51-2 at natural convection, still air
condition.
2.
2s2p thermal test board per JEDEC JESD51-7 and
JESD51-5.
3.
Per JEDEC JESD51-8, with the board temperature on the
center trace near the power outputs.
4.
Single layer thermal test board per JEDEC JESD51-3 and
JESD51-5.
5.
Thermal resistance between the die junction and the
exposed pad; “infinite” heat sink attached to exposed pad.
Note: Recommended via diameter is 0.5 mm. PTH (plated through
hole) via must be plugged / filled with epoxy or solder mask in order
to minimize void formation and to avoid any solder wicking into the
via.
1.0
1.0
0.2
0.2
* All measurements
are in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com