công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

33910 bảng dữ liệu(PDF) 74 Page - Freescale Semiconductor, Inc

tên linh kiện 33910
Giải thích chi tiết về linh kiện  LIN System Basis Chip with High
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33910 bảng dữ liệu(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button 33910 Datasheet HTML 70Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 71Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 72Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 73Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 74Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 75Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 76Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 77Page - Freescale Semiconductor, Inc 33910 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
74
33910
FUNCTIONAL DEVICE OPERATIONS
OPERATIONAL MODES
MC33910BAC / MC34910BAC
Figure 38. High Side Drivers HS1 and HS2
Open Load Detection
Each high side driver signals an open load condition if the
current through the high side is below the open load current
threshold.
The open load condition is indicated with the bits HS1OP
and HS2OP in the High Side Status Register (HSSR).
Current Limitation
Each high side driver has an output current limitation. In
combination with the over-temperature shutdown the high-
side drivers are protected against over-current and short-
circuit failures.
When the driver operates in the current limitation area, it is
indicated with the bits HS1CL and HS2CL in the HSSR.
Note: If the driver is operating in current limitation mode,
excessive power might be dissipated.
Over-temperature Protection (HS Interrupt)
Both high side drivers are protected against over-
temperature. In case of an over-temperature condition both
high side drivers are shut down and the event is latched in the
Interrupt Control Module. The shutdown is indicated as HS
Interrupt in the Interrupt Source Register (ISR).
A thermal shutdown of the high side drivers is indicated by
setting all HSxOP and HSxCL bits simultaneously.
If the bit HSM is set in the Interrupt Mask Register (IMR),
then an interrupt (IRQ) is generated.
A write to the High Side Control Register (HSCR), when
the over-temperature condition is gone, will re-enable the
high side drivers.
High-voltage Shutdown
In case of a high voltage condition and if the high voltage
shutdown is enabled (bit HVSE in the Mode Control Register
(MCR) is set) both high side drivers are shut down.
A write to the High Side Control Register (HSCR), when
the high voltage condition is gone, will re-enable the high side
drivers.
Sleep And Stop Mode
The high side driver can be enabled to operate in Sleep
and Stop mode for cyclic sensing. Also see Table 35,
Operating Modes Overview.
High Side - Driver
charge pump
open load detection
current limitation
overtemperture shutdown (interrupt maskable)
high voltage shutdown (maskable)
Control
on/off
Status
PWMIN
VDD
PWMHSx
HSx
HVSE
HSxOP
HSxCL
MOD1:2
Interrupt
Control
Module
HSx
VS2
VDD
Wakeup
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com