công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

33874 bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện 33874
Giải thích chi tiết về linh kiện  Quad High Side Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33874 bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33874 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33874
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CONTROL INTERFACE (SCLK, SI, SO, IN[0:3], RST, WAKE, FS, CS, FSI)
Input Logic High-voltage(13)
VIH
0.7 VDD
–
–
V
Input Logic Low-voltage(13)
VIL
–
–
0.2 VDD
V
Input Logic Voltage Hysteresis(14)
VIN(HYS)
100
850
1200
mV
Input Logic Pull-down Current (SCLK, SI, IN[0:3], VIN>0.2 x VDD)
IDWN
5.0
–
20
μA
RST
Input Voltage Range
VRST
4.5
5.0
5.5
V
SO, FS Tri-State Capacitance(14)
CSO
–
–
20
pF
Input Logic Pull-down Resistor (RST) and WAKE
RDWN
100
200
400
k
Ω
Input Capacitance(15)
CIN
–
4.0
12
pF
Wake Input Clamp Voltage(16)
ICL(WAKE) < 2.5mA
VCL(WAKE)
7.0
–
14
V
Wake Input Forward Voltage
ICL(WAKE) = -2.5mA
VF(WAKE)
-2.0
–
-0.3
V
SO High-state Output Voltage
IOH = 1.0mA
VSOH
0.8 VDD
–
–
V
FS
, SO Low-state Output Voltage
IOL = -1.6mA
VSOL
–
0.2
0.4
V
SO Tri-state Leakage Current
CS
> 0.7 x VDD, 0 < VSO < VDD
ISO(LEAK)
-5.0
0
5.0
μA
Input Logic Pull-up Current(17)
CS
, VIN < 0.7 x VDD
IUP
5.0
–
20
μA
FSI Input pin External Pull-down Resistance(18)
FSI Disabled, HS[0:3] state according to direct inputs state and SPI
INx_SPI bits and A/O_s bit
FSI Enabled, HS[0:3] OFF
FSI Enabled, HS0 ON, HS[1:3] OFF
FSI Enabled, HS0 and HS2 ON, HS1 and HS3 OFF
RFS
–
6.0
15
40
0
6.5
17
Infinite
1.0
7.0
19
–
k
Ω
Temperature Feedback
TA = 25°C
TFEED
3.8
3.9
4.0
V
Temperature Feedback Derating
DTFEED
-7.2
-7.5
-7.8
mV/°C
Notes
13.
Upper and lower logic threshold voltage range applies to SI, CS, SCLK, RST, IN[0:3], and WAKE input signals. The WAKE and RST
signals may be supplied by a derived voltage referenced to VPWR.
14.
No hysteresis on FSI and wake pins. Parameter is guaranteed by process monitoring but is not production tested.
15.
Input capacitance of SI, CS, SCLK, RST, and WAKE. This parameter is guaranteed by process monitoring but is not production tested.
16.
The current must be limited by a series resistance when using voltages > 7.0V.
17.
Pull-up current is with CS OPEN. CS has an active internal pull-up to VDD.
18.
The selection of the RFS must take into consideration the tolerance, temperature coefficient and lifetime duration to assure that the
resistance value will always be within the desired (specified) range.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0V
≤ VPWR ≤ 27V, 4.5V ≤ VDD ≤ 5.5V, -40°C ≤ TA ≤ 125°C, GND = 0V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com