công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

33874 bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc

tên linh kiện 33874
Giải thích chi tiết về linh kiện  Quad High Side Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33874 bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33874 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33874
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
OUTPUTS (HS0, HS1, HS2, HS3)
Output Drain-to-Source ON Resistance
(IHS = 5.0A, TA = 25°C)
VPWR = 6.0V
VPWR = 10V
VPWR = 13V
RDS(ON)
–
–
–
–
–
–
55
35
35
m
Ω
Output Drain-to-Source ON Resistance (IHS = 5.0A, TA = 150°C)
VPWR = 6.0V
VPWR = 10V
VPWR = 13V
RDS(ON)
–
–
–
–
–
–
94
60
60
m
Ω
Output Source-to-Drain ON Resistance(10)
IHS = 1.0A, TA = 25°C, VPWR = -12V
RSD(ON)
–
–
70
m
Ω
Output Overcurrent High Detection Levels (9.0V < VPWR < 16V)
SOCH = 0
SOCH = 1
IOCH0
IOCH1
44
32
55
40
66
48
A
Overcurrent Low Detection Levels (9.0V < VPWR < 16V)
SOCL[2:0] : 000
SOCL[2:0] : 001
SOCL[2:0] : 010
SOCL[2:0] : 011
SOCL[2:0] : 100
SOCL[2:0] : 101
SOCL[2:0] : 110
SOCL[2:0] : 111
IOCL0
IOCL1
IOCL2
IOCL3
IOCL4
IOCL5
IOCL6
IOCL7
8.0
7.1
6.3
5.6
4.6
3.8
3.1
2.2
10
8.9
7.9
7.0
5.8
4.8
3.9
2.8
12
10.7
9.5
8.5
7.0
5.8
4.7
3.4
A
Current Sense Ratio (9.0V < VPWR < 16V, CSNS < 4.5V)
DICR D2 = 0
DICR D2 = 1
CSR0
CSR1
–
–
1/7200
1/21400
–
–
–
Current Sense Ratio (CSR0) Accuracy
Output Current
2.0A to 10A
CSR0_ACC
-17
–
17
%
Notes
10.
Source-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VPWR.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0V
≤ VPWR ≤ 27V, 4.5V ≤ VDD ≤ 5.5V, -40°C ≤ TA ≤ 125°C, GND = 0V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com