| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA9525 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9525 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors |
|
9 / 22 page ![]() PCA9525 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 1 — 25 February 2011 9 of 22 NXP Semiconductors PCA9525 Simple 2-wire bus buffer Figure 11 shows that by choosing an appropriate value of pull-up resistance (or adding additional load capacitance if that is preferred), the rate of rise of both input and output can be matched, and the glitch on the rising edge eliminated. 9.2 Operating conditions A full byte transaction is shown in Figure 12. SDA_IN and SDA_OUT are shown at the top of the image, and SCL_IN and SCL_OUT are shown at the bottom. The START condition, address bits, read/write bit, acknowledge bit and STOP condition can all be clearly seen. Fig 11. Matched ‘input’ and ‘output’ rise times 002aaf339 Fig 12. Full 400 kHz I2C-bus address byte transaction 002aaf340 |