| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADC1413D bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
ADC1413D bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 43 page ![]() ADC1413D_SER All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 5 — 9 February 2011 2 of 43 NXP Semiconductors ADC1413D series Dual 14-bit ADC; serial JESD204A interface 3. Applications 4. Ordering information Wireless and wired broadband communications Portable instrumentation Spectral analysis Imaging systems Ultrasound equipment Software defined radio Table 1. Ordering information Type number Sampling frequency (Msps) Package Name Description Version ADC1413D125HN/C1 125 HVQFN56 plastic thermal enhanced very thin quad flat package; no leads; 56 terminals; body 8 8 0.85 mm SOT684-7 ADC1413D105HN/C1 105 HVQFN56 plastic thermal enhanced very thin quad flat package; no leads; 56 terminals; body 8 8 0.85 mm SOT684-7 ADC1413D080HN/C1 80 HVQFN56 plastic thermal enhanced very thin quad flat package; no leads; 56 terminals; body 8 8 0.85 mm SOT684-7 ADC1413D065HN/C1 65 HVQFN56 plastic thermal enhanced very thin quad flat package; no leads; 56 terminals; body 8 8 0.85 mm SOT684-7 |