| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5673F bảng dữ liệu(PDF) 98 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5673F bảng dữ liệu(HTML) 98 Page - Freescale Semiconductor, Inc |
|
98 / 132 page ![]() —AN27 P AN27 eQADC A and B shared analog input I AE VDDA_A0 AN27 AN27 — B13 B13 —AN28 P AN28 eQADC A and B shared analog input I AE VDDA_A0 AN28 AN28 — A13 A13 —AN29 P AN29 eQADC A and B shared analog input I AE VDDA_A0 AN29 AN29 — B14 A14 —AN30 P AN30 eQADC A and B shared analog input I AE VDDA_B1 AN30 AN30 — C14 B14 —AN31 P AN31 eQADC A and B shared analog input I AE VDDA_B1 AN31 AN31 — D14 C14 —AN32 P AN32 eQADC A and B shared analog input I AE VDDA_B1 AN32 AN32 — A14 B15 —AN33 P AN33 eQADC A and B shared analog input I AE VDDA_B0 AN33 AN33 — B15 D14 —AN34 P AN34 eQADC A and B shared analog input I AE VDDA_B0 AN34 AN34 — C15 C15 —AN35 P AN35 eQADC A and B shared analog input I AE VDDA_B0 AN35 AN35 — D15 D15 —AN36 P AN36 eQADC A and B shared analog input I AE VDDA_B1 AN36 AN36 — A15 A15 —AN37 P AN37 eQADC A and B shared analog input I AE VDDA_B0 AN37 AN37 — C16 C17 —AN38 P AN38 eQADC A and B shared analog input I AE VDDA_B0 AN38 AN38 — C17 D16 —AN39 P AN39 eQADC A and B shared analog input I AE VDDA_B0 AN39 AN39 — D16 C16 —ANB0 P ANB0 eQADC B analog input I AE/up- down VDDA_B0 ANB0 ANB0 B15 C18 C18 —ANB1 P ANB1 eQADC B analog input I AE/up- down VDDA_B0 ANB1 ANB1 B16 D17 D17 —ANB2 P ANB2 eQADC B analog input I AE/up- down VDDA_B0 ANB2 ANB2 A17 D18 D18 —ANB3 P ANB3 eQADC B analog input I AE/up- down VDDA_B0 ANB3 ANB3 A18 D19 D19 —ANB4 P ANB4 eQADC B analog input I AE/up- down VDDA_B0 ANB4 ANB4 B17 C19 B19 —ANB5 P ANB5 eQADC B analog input I AE/up- down VDDA_B0 ANB5 ANB5 B18 C20 A20 —ANB6 P ANB6 eQADC B analog input I AE/up- down VDDA_B0 ANB6 ANB6 A19 B19 C20 —ANB7 P ANB7 eQADC B analog input I AE/up- down VDDA_B0 ANB7 ANB7 A20 A20 C19 —ANB8 P ANB8 eQADC B analog input I AE VDDA_B0 ANB8 ANB8 D13 B20 B20 Table 43. Signal Properties and Muxing Summary (continued) Signal Name2 Function4 Function Summary State during RESET7 State after RESET8 Package Location |