công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F75125 bảng dữ liệu(PDF) 28 Page - Feature Integration Technology Inc.

tên linh kiện F75125
Giải thích chi tiết về linh kiện  Serial VID, Parallel VID Translator for AMD AM2 and AM2
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FINTEK [Feature Integration Technology Inc.]
Trang chủ  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75125 bảng dữ liệu(HTML) 28 Page - Feature Integration Technology Inc.

Back Button F75125 Datasheet HTML 24Page - Feature Integration Technology Inc. F75125 Datasheet HTML 25Page - Feature Integration Technology Inc. F75125 Datasheet HTML 26Page - Feature Integration Technology Inc. F75125 Datasheet HTML 27Page - Feature Integration Technology Inc. F75125 Datasheet HTML 28Page - Feature Integration Technology Inc. F75125 Datasheet HTML 29Page - Feature Integration Technology Inc. F75125 Datasheet HTML 30Page - Feature Integration Technology Inc. F75125 Datasheet HTML 31Page - Feature Integration Technology Inc. F75125 Datasheet HTML 32Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Fintek
Feature Integration Technology Inc.
V0.16P
27
F75125
7.13 VDDNB SVI Output Reading Register (LSB)
⎯ Index 0Ch
Bit
Name
R/W Default
Description
7-0
NB _OUT
R
0
SVID_OUT_NB (CR00+CR04)
7.14 VDD0 SVI Output Reading Register (LSB)
⎯ Index 0Dh
Bit
Name
R/W Default
Description
7-0
VDD0_OUT
R
0
SVID_OUT_VDD0 (CR01+CR05)
7.15 VDD1 SVI Output Reading Register (LSB)
⎯ Index 0Eh
Bit
Name
R/W Default
Description
7-0
VDD1_OUT
R
0
SVID_OUT_VDD1(CR02+CR06)
7.16 SLOTOCC Control Enable Reading Register
⎯ Index 0Fh
Bit
Name
R/W Default
Description
7
Reserved
R
1
Reserved
6-1
DUMMY_REG
R/W
0
Dummy registers.
0
SLOTOCC_CLR_EN R/W
0
Enable SLOTOCC# pin to clear register
7.17 VDD_NB Voltage Value Register
⎯ Index 10h
Bit
Name
R/W Default
Description
7-0
VDDNB
R
xx
This register can read VID value that input from SVI interface. This register
presents all the SVID code including bit 7, PSI_L.
7.18 VDD0 Voltage Value Register
⎯ Index 11h
Bit
Name
R/W Default
Description
7-0
VDD0
R
xx
This register can read VID value that input from PVI/SVI interface. In PVI
input mode, MSB and LSB will be inserted “0” to complement 8 bit register.
For example, PVID code “111_111” will be read as 0x7E. In SVI mode, this
register presents all the SVID code including bit 7, PSI_L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com