công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

F75125 bảng dữ liệu(PDF) 9 Page - Feature Integration Technology Inc.

tên linh kiện F75125
Giải thích chi tiết về linh kiện  Serial VID, Parallel VID Translator for AMD AM2 and AM2
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FINTEK [Feature Integration Technology Inc.]
Trang chủ  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75125 bảng dữ liệu(HTML) 9 Page - Feature Integration Technology Inc.

Back Button F75125 Datasheet HTML 5Page - Feature Integration Technology Inc. F75125 Datasheet HTML 6Page - Feature Integration Technology Inc. F75125 Datasheet HTML 7Page - Feature Integration Technology Inc. F75125 Datasheet HTML 8Page - Feature Integration Technology Inc. F75125 Datasheet HTML 9Page - Feature Integration Technology Inc. F75125 Datasheet HTML 10Page - Feature Integration Technology Inc. F75125 Datasheet HTML 11Page - Feature Integration Technology Inc. F75125 Datasheet HTML 12Page - Feature Integration Technology Inc. F75125 Datasheet HTML 13Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Fintek
Feature Integration Technology Inc.
V0.16P
8
F75125
4 Pin Description
4.1. Power Pin
Pin No.
Pin Name
Type
Description
4
VSB3V
P
3.3V stand by power
6
VDDA
P
VDDA input
8
VDDIO
P
VDDIO power
26
VSS
P
Ground
4.2. North Bridge Voltage Pin/ Voltage Regulator Set Trap Pin
Pin No.
Pin Name
Type
PWR
Description
3
VREF_NB
AOUT
VSB3V
In PVI output mode, reference voltage output to external
single phase PWM to supply VNB.
5
NB_EN#/VR_TRAP
O12
VSB3V
Pull high to 3,3VSB before POK, the F75125 will enter SVI
output mode, or the F75125 is set to PVI output mode.
In PVI output mode, NB_EN# is an external single phase
PWM enable signal.
P
-
Power pins
INst
-
TTL level input pin with schmitt trigger
INLV
-
Low level input, transient point at 0.9V
I/OD12st5V - TTL level bi-directional pin with schmitt trigger, Open-drain output with 12 mA sink
capability, 5V tolerance
I/OD12st
- TTL level bi-directional pin with schmitt trigger, Open-drain output with 12 mA sink
capability.
I/OD12LV
-
Low level input, transient point at 0.9V , Open-drain output with 12 mA sink capability
O12
- Output pin with 12mA sink/driving
capability.
OD12
- Open-Drain output pin with 12mA sink capability.
AIN
- Input pin (Analog).
AOUT
- Output pin (Analog).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com