công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMN2114SN bảng dữ liệu(PDF) 1 Page - Diodes Incorporated

tên linh kiện DMN2114SN
Giải thích chi tiết về linh kiện  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2114SN bảng dữ liệu(HTML) 1 Page - Diodes Incorporated

  DMN2114SN Datasheet HTML 1Page - Diodes Incorporated DMN2114SN Datasheet HTML 2Page - Diodes Incorporated DMN2114SN Datasheet HTML 3Page - Diodes Incorporated DMN2114SN Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DMN2114SN
Document number: DS30829 Rev. 4 - 2
1 of 4
www.diodes.com
September 2007
© Diodes Incorporated
DMN2114SN
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Features
•
Low On-Resistance
•
Ideal for Notebook Computer, Portable Phone, PCMCIA
Cards, and Battery Power Circuits
•
Lead Free By Design/RoHS Compliant (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
•
ESD Protected Gate
•
"Green" Device (Note 3)
Mechanical Data
•
Case: SC-59
•
Case Material - Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish – Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
•
Terminal Connections: See Diagram
•
Marking Information: See Page 3
•
Ordering & Date Code Information: See Page 3
•
Weight: 0.008 grams (approximate)
Source
Gate
Protection
Diode
Gate
Drain
SC-59
ESD protected
D
G
S
TOP VIEW
TOP VIEW
Internal Schematic
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
Continuous
VGSS
±12
V
Drain Current
Continuous
Pulsed
ID
1.2
4.0
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Total Power Dissipation
Pd
500
mW
Thermal Resistance, Junction to Ambient
RθJA
250
°C /W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 1)
Drain-Source Breakdown Voltage
BVDSS
20
⎯
⎯
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
@ Tj = 25°C
IDSS
⎯
⎯
10
μA
VDS = 24V, VGS = 0V
Gate-Body Leakage
IGSS
⎯
⎯
±10
μA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
VGS(th)
0.7
⎯
1.40
V
VDS = 10V, ID = 1.0mA
Static Drain-Source On-Resistance
RDS (ON)
⎯
⎯
⎯
⎯
0.100
0.160
Ω
VGS = 4.5V, ID = 0.5A
VGS = 2.5V, ID = 0.5A
Forward Transfer Admittance
|Yfs|
⎯
3.3
⎯
S
VDS = 10V, ID = 0.5A
Diode Forward Voltage
VSD
⎯
0.8
1.1
V
VGS = 0V, IS = 1.0A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
180
⎯
pF
Output Capacitance
Coss
⎯
120
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
45
⎯
pF
VDS = 10V, VGS = 0V,
f = 1.0MHz
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
⎯
10
⎯
ns
Turn-Off Delay Time
tD(OFF)
⎯
50
⎯
ns
Turn-On Rise Time
tr
⎯
15
⎯
ns
Turn-Off Fall Time
tf
⎯
45
⎯
ns
VDD = 10V, ID = 0.5A,
VGS = 5.0V, RGEN = 50Ω
Notes:
1. Pulse width
≤300μS, duty cycle ≤2%.
2. No purposefully added lead.
3. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.


Số phần tương tự - DMN2114SN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diodes Incorporated
DMN2114SN DIODES-DMN2114SN Datasheet
204Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30829 Rev. 3 - 2
logo
ZP Semiconductor
DMN2114SN ZPSEMI-DMN2114SN Datasheet
86Kb / 1P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Diodes Incorporated
DMN2114SN-7 DIODES-DMN2114SN-7 Datasheet
204Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30829 Rev. 3 - 2
DMN2114SN DIODES-DMN2114SN_15 Datasheet
96Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Rev erse
More results

Mô tả tương tự - DMN2114SN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com