| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L101F2P6A bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L101F2P6A bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 81 page ![]() STM8L101xx Memory and register map Doc ID 15275 Rev 11 25/81 Table 7. General hardware register map Address Block Register label Register name Reset status 0x00 5050 Flash FLASH_CR1 Flash control register 1 0x00 0x00 5051 FLASH_CR2 Flash control register 2 0x00 0x00 5052 FLASH _PUKR Flash Program memory unprotection register 0x00 0x00 5053 FLASH _DUKR Data EEPROM unprotection register 0x00 0x00 5054 FLASH _IAPSR Flash in-application programming status register 0xX0 0x00 5055 to 0x00 509F Reserved area (75 bytes) 0x00 50A0 ITC-EXTI EXTI_CR1 External interrupt control register 1 0x00 0x00 50A1 EXTI_CR2 External interrupt control register 2 0x00 0x00 50A2 EXTI_CR3 External interrupt control register 3 0x00 0x00 50A3 EXTI_SR1 External interrupt status register 1 0x00 0x00 50A4 EXTI_SR2 External interrupt status register 2 0x00 0x00 50A5 EXTI_CONF External interrupt port select register 0x00 0x00 50A6 WFE WFE_CR1 WFE control register 1 0x00 0x00 50A7 WFE_CR2 WFE control register 2 0x00 0x00 50A8 to 0x00 50AF Reserved area (8 bytes) 0x00 50B0 RST RST_CR Reset control register 0x00 0x00 50B1 RST_SR Reset status register 0x01 0x00 50B2 to 0x00 50BF Reserved area (14 bytes) 0x00 50C0 CLK CLK_CKDIVR Clock divider register 0x03 0x00 50C1 to 0x00 50C2 Reserved area (2 bytes) 0x00 50C3 CLK_PCKENR Peripheral clock gating register 0x00 0x00 50C4 Reserved (1 byte) 0x00 50C5 CLK_CCOR Configurable clock control register 0x00 0x00 50C6 to 0x00 50DF Reserved area (25 bytes) |