| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L101F2P6A bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L101F2P6A bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 81 page ![]() STM8L101xx Pin description Doc ID 15275 Rev 11 15/81 Figure 3. 20-pin UFQFPN package pinout for STM8L101F1U6ATR, STM8L101F2U6ATR and STM8L101F3U6ATR part numbers 1. Please refer to the warning below. 2. HS corresponds to 20 mA high sink/source capability. 3. High sink LED driver capability available on PA0. Refer to the description of the IR_CR register in the STM8L reference manual (RM0013). Warning: For the STM8L101F1U6ATR, STM8L101F2U6ATR and STM8L101F3U6ATR part numbers (devices with COMP_REF pin), all ports available on 32-pin packages must be considered as active ports. To avoid spurious effects, you have to configure them as input pull-up. A small increase in consumption (typ. < 300 µA) may occur during the power up and reset phase until these ports are properly configured. 2 1 3 4 5 67 8 9 11 12 13 14 15 16 17 18 19 VDD VSS PA6 (HS) / COMP_REF PA2 (HS) NRST / PA1 (HS) PB4 (HS) / SPI_NSS PB5 (HS) / SPI_SCK PB6 (HS) / SPI_MOSI PB7 (HS) / SPI_MISO PC0 / I²C_SDA 10 20 |