| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L151C4U6 bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151C4U6 bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 122 page ![]() STM8L151xx, STM8L152xx Pin description Doc ID 15962 Rev 5 29/122 -- 15 E2 PB3/[TIM2_TRIG](3)/ TIM1_CH1N/ LCD_SEG13(2)/ ADC1_IN15/RTC_ALARM /COMP1_INP I/O X XX HS X X Port B3 [Timer 2 - trigger] / Timer 1 inverted channel 1/ LCD segment 13 / ADC1_IN15 / RTC alarm/ Comparator 1 positive input 28 - - - PB4(5)/[SPI1_NSS](3)/ LCD_SEG14(2)/ ADC1_IN14/COMP1_INP I/O X(5) X(5) XHS X X Port B4 [SPI1 master/slave select] / LCD segment 14 / ADC1_IN14 / Comparator 1 positive input -17 16 D2 PB4(5)/[SPI1_NSS](3)/ LCD_SEG14(2)/ ADC1_IN14/ COMP1_INP/DAC_OUT I/O X(5) X(5) XHS X X Port B4 [SPI1 master/slave select] / LCD segment 14 / ADC1_IN14 / DAC output / Comparator 1 positive input 29 - - - PB5/[SPI1_SCK](3)/ LCD_SEG15(2)/ ADC1_IN13/COMP1_INP I/O X XX HS X X Port B5 [SPI1 clock] / LCD segment 15 / ADC1_IN13 / Comparator 1 positive input -18 17 D1 PB5/[SPI1_SCK](3)/ LCD_SEG15(2)/ ADC1_IN13/DAC_OUT/ COMP1_INP I/O X XX HS X X Port B5 [SPI1 clock] / LCD segment 15 / ADC1_IN13 / DAC output/ Comparator 1 positive input 30 - - - PB6/[SPI1_MOSI](3)/ LCD_SEG16(2)/ ADC1_IN12/COMP1_INP I/O X XX HS X X Port B6 [SPI1 master out/slave in]/ LCD segment 16 / ADC1_IN12 / Comparator 1 positive input -19 18 F1 PB6/[SPI1_MOSI](3)/ LCD_SEG16(2)/ ADC1_IN12/COMP1_INP/ DAC_OUT I/O X XX HS X X Port B6 [SPI1 master out]/ slave in / LCD segment 16 / ADC1_IN12 / DAC output / Comparator 1 positive input Table 5. STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |