| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L101F2T6ATR bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L101F2T6ATR bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 81 page ![]() Pin description STM8L101xx 18/81 Doc ID 15275 Rev 11 Figure 6. 28-pin UFQFPN package pinout for STM8L101G3U6ATR and STM8L101G2U6ATR part numbers 1. HS corresponds to 20 mA high sink/source capability. 2. High sink LED driver capability available on PA0. Refer to the description of the IR_CR register in the STM8L reference manual (RM0013). Warning: For the STM8L101G3U6ATR and STM8L101G2U6ATR part numbers (devices with COMP_REF pin), all ports available on 32-pin packages must be considered as active ports. To avoid spurious effects, you have to configure them as input pull-up. A small increase in consumption (typ. < 300 µA) may occur during the power up and reset phase until these ports are properly configured. PA6 (HS) / COMP_REF VSS VDD NRST / PA1 (HS) PA2 (HS) PA3 (HS) PA4 (HS) / TIM2_BKIN PB6 (HS) / SPI_MOSI PB5 (HS) / SPI_SCK PB4 (HS) / SPI_NSS PB3 (HS) / TIM2_TRIG / COMP2_CH2 PC0 / I²C_SDA PD4 (HS) PB7 (HS) / SPI_MISO 2 1 3 4 5 6 7 9 8 10 11 12 13 14 20 21 19 18 17 16 15 27 28 26 25 24 23 22 |