| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L101F2T6ATR bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L101F2T6ATR bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 81 page ![]() Pin description STM8L101xx 16/81 Doc ID 15275 Rev 11 Figure 4. 20-pin TSSOP package pinout 1. HS corresponds to 20 mA high sink/source capability. 2. High sink LED driver capability available on PA0. Refer to the description of the IR_CR register in the STM8L reference manual (RM0013). PA3 (HS) PA2 (HS) NRST / PA1 (HS) PA0 (HS) / SWIM / BEEP / IR_TIM PC4 (HS) / USART_CK/ CCO VSS PC3 (HS) / USART_TX PC0 / I²C_SDA PC1 / I²C_SCL PB7 (HS) / SPI_MISO PB6 (HS) / SPI_MOSI PB1 (HS) / TIM3_CH1 / COMP1_CH2 PB2 (HS) / TIM2_CH2 / COMP2_CH1 PB3 (HS) /TIM2_TRIG /COMP2_CH2 PB4 (HS) / SPI_NSS PB5 (HS) / SPI_SCK VDD PD0 (HS) / TIM3_CH2 / COMP1_CH3 PB0 (HS) / TIM2_CH1 / COMP1_CH1 PC2 (HS) / USART_RX 1 2 3 4 5 6 7 10 9 8 20 19 18 17 16 15 14 11 12 13 |