| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EV8680 bảng dữ liệu(PDF) 9 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
EV8680 bảng dữ liệu(HTML) 9 Page - CML Microcircuits |
|
9 / 39 page ![]() Evaluation Kit for CMX868 EV8680 © 2000 Consumer Microcircuits Limited 9 UM8680/2 LINKS Link Ref. Positions Default Position Description LK1 Open/Closed Closed MAX3237CAI /EN connection to VSS LK2 Open/Closed Closed MAX3237CAI /SHDN connection to VDD LK3 Open/Closed Closed On-board regulator (U5) output connection to VDD JUMPERS Jumper Ref. Positions Default Position Description JP1 1 - 2 S/C Disconnect when supplying external clock to CMX868 via pin 2 JP2 1 - 2 S/C Disconnect when supplying external clock to CMX868 via JP1 pin 2 JP3 1 - 2 S/C Disconnect to measure IDD of CMX868 JP4 J2:1 - J2:2 S/C Disconnect when supplying external CSN to CMX868 JP5 J2:3 - J2:4 S/C Disconnect when supplying external CDATA to CMX868 JP6 J2:5 - J2:6 S/C Disconnect when supplying external SCLK to CMX868 JP7 J2:7 - J2:8 S/C Disconnect when supplying external RDATA to CMX868 JP8 J2:9 - J2:10 S/C Disconnect when supplying external IRQN to CMX868 Notes: BI = Bidirectional S/C = Short Circuit |