công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EV8680 bảng dữ liệu(PDF) 26 Page - CML Microcircuits

tên linh kiện EV8680
Giải thích chi tiết về linh kiện  Evaluation Kit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CMLMICRO [CML Microcircuits]
Trang chủ  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8680 bảng dữ liệu(HTML) 26 Page - CML Microcircuits

Back Button EV8680 Datasheet HTML 22Page - CML Microcircuits EV8680 Datasheet HTML 23Page - CML Microcircuits EV8680 Datasheet HTML 24Page - CML Microcircuits EV8680 Datasheet HTML 25Page - CML Microcircuits EV8680 Datasheet HTML 26Page - CML Microcircuits EV8680 Datasheet HTML 27Page - CML Microcircuits EV8680 Datasheet HTML 28Page - CML Microcircuits EV8680 Datasheet HTML 29Page - CML Microcircuits EV8680 Datasheet HTML 30Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Evaluation Kit for CMX868
EV8680
© 2000 Consumer Microcircuits Limited
26
UM8680/2
A new function from the above table can be selected whenever the >ok prompt appears in the bottom
window.
Notes:
a) Programming files must be in the Intel hex format (.HEX) in order to be usable by this programming
software.
b) The PIC
µC supplied has a Configuration Word which is preset 3FB1H. This selects the crystal
oscillator, disables the watch dog timer, enables the power up timer and disables code protection. The
programming software currently defaults to 3FB1H. Consult Arizona Microchip Technology for more
information on the Configuration Word.
c) The “blank check” command (B) only looks at the first location. A programmed device will always
have data in this location as it is the program start address.
d) For each of the commands B, P, R and V the user will be prompted to manually reset the target
µC,
by pressing the RESET switch (SW1) on the EV8680 Evaluation Board.
This is because PIC
programming always starts from location 0000 and the program counter can only be incremented.
e) Pressing A will display the program data in the bottom window, formatted in pages of 48
consecutive locations.
Use the <PageUp> and <PageDown> keys to scroll through the data.
Pressing <Esc> will return the user to the >ok prompt.
f) Programming a blank PIC16LC76 using the PICPROGB software takes approximately 2 minutes.
g) Customers are advised to use PIC16C76JW
µC devices (not supplied) for further PIC firmware
development, however, these devices are not guaranteed for low volt operation.
Customers re-
programming this development PIC must erase the existing program by placing the device in a UV-
Eraser for approximately 15 minutes.
TO LEAVE PROGRAMMING MODE
a) Remove power from board (including the programming voltage, VPP).
b) Remove 2-way jumper connecting MODEA to MODEB.
c) Power up board as described in previous sections for normal operation.
1.6.4.2 Terminal Emulator
Users will need to run a suitable terminal emulator on their PC in order to communicate with the PIC
µC on the Evaluation Kit. ‘Hyper Terminal’, which is supplied with the Windows 95/NT installations, is
suitable for this purpose.
Hyper Terminal Setup
Emulation VT100
ASCII Character set
ASCII Receiving:
Wrap lines that exceed terminal width.
COM Port Settings:
Bits per second
19,200
Data bits
8
Parity
None
Stop bits
1
Flow Control
Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com