| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EV6021 bảng dữ liệu(PDF) 18 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
EV6021 bảng dữ liệu(HTML) 18 Page - CML Microcircuits |
|
18 / 28 page ![]() Evaluation Kit for CMX602B EV6021 2000 Consumer Microcircuits Limited 18 UM6021/4 1.6.2.6 Type 2/off-hook demonstration dialog box This dialog box pops up when the BT/Bellcore type 2 demonstration is selected. The EV6021 is instructed to perform the off-hook / type 2 / CIDCW demonstration. The nature of the demonstration can be altered by selecting Feature Phone or Adjunct Box and Early or Late muting on the right hand side of the dialog box. The valid CAS detects and local Mute counters are provided to assist with talk-off and talk-down testing, see later sections. CLI message data is shown and the remaining controls are as described for the type 1 dialog box. |