| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EV6021 bảng dữ liệu(PDF) 17 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
EV6021 bảng dữ liệu(HTML) 17 Page - CML Microcircuits |
|
17 / 28 page ![]() Evaluation Kit for CMX602B EV6021 2000 Consumer Microcircuits Limited 17 UM6021/4 1.6.2.5 Type 1/on-hook demonstration dialog box This dialog pops up when either the BT or Bellcore type 1 demonstrations are selected. The precise selection is displayed in the top left of the panel, in this case the BT demonstration is selected. The EV6021 is instructed to perform the appropriate caller ID demonstration and the message data is sent back to the PC and appears in the main read-only edit box. The display and controls work as described for the RxFSK dialog box. |