| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CMX625 bảng dữ liệu(PDF) 25 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
CMX625 bảng dữ liệu(HTML) 25 Page - CML Microcircuits |
|
25 / 34 page ![]() ISDN TA POTS Interface CMX625 2001 Consumer Microcircuits Limited 25 D/625/2 Dual Frequency Call Progress Tones Additive Mixing Field 1 M ultiplicative Field 1 (Hz) (Hex) Mixing (Hz) (Hex) Off $00 350+440 $66 400*16.2 $B2 440+480 $F6 400*20 $A3 480+620 $FC 400*25 $94 400+425 $C4 400*33 $85 400+450 $C7 400*40 $76 425+450 $D4 400*50 $67 425+480 $F4 450*25 $E4 120+620 $1C 600*120 $FD 150+450 $27 Dual Tone Multi Frequency Generation Field 2 (Hz) (Hex) Off $00 941+1633 $FF 697+1209 $CC 697+1336 $CD 697+1477 $CE 770+1209 $DC 770+1336 $DD 770+1477 $DE 852+1209 $EC 852+1336 $ED 852+1477 $EE 941+1336 $FD 941+1209 $FC 941+1477 $FE 697+1633 $CF 770+1633 $DF 852+1633 $EF Special Information Tones, Fax and Modem Tones and Customer Premises Alert Tones Field 2 (Hz) (Hex) Off $00 950 $80 1100 $30 1300 $40 1400 $90 1800 $A0 2100 $08 2225 $09 2130+2750 $BB |